Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ30A Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BUZ30A
Descripción Electrónicos  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ30A Datasheet(HTML) 2 Page - Infineon Technologies AG

  BUZ30A Datasheet HTML 1Page - Infineon Technologies AG BUZ30A Datasheet HTML 2Page - Infineon Technologies AG BUZ30A Datasheet HTML 3Page - Infineon Technologies AG BUZ30A Datasheet HTML 4Page - Infineon Technologies AG BUZ30A Datasheet HTML 5Page - Infineon Technologies AG BUZ30A Datasheet HTML 6Page - Infineon Technologies AG BUZ30A Datasheet HTML 7Page - Infineon Technologies AG BUZ30A Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUZ 30A
Data Sheet
2
06.99
Electrical Characteristics, at
Tj = 25˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 ˚C
V(BR)DSS
200
-
-
V
Gate threshold voltage
VGS=VDS, ID = 1 mA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 200 V, VGS = 0 V, Tj = 25 ˚C
VDS = 200 V, VGS = 0 V, Tj = 125 ˚C
IDSS
-
-
10
0.1
100
1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 10 V, ID = 13.5 A
RDS(on)
-
0.1
0.13


Número de pieza similar - BUZ30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
logo
Infineon Technologies A...
BUZ30AH INFINEON-BUZ30AH Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.5 2010-07-02
logo
Inchange Semiconductor ...
BUZ30AH ISC-BUZ30AH Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Descripción similar - BUZ30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com