Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD4933MR Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza SD4933MR
Descripción Electrónicos  50 V moisture resistant DMOS transistor for ISM applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Datasheet(HTML) 3 Page - STMicroelectronics

  SD4933MR Datasheet HTML 1Page - STMicroelectronics SD4933MR Datasheet HTML 2Page - STMicroelectronics SD4933MR Datasheet HTML 3Page - STMicroelectronics SD4933MR Datasheet HTML 4Page - STMicroelectronics SD4933MR Datasheet HTML 5Page - STMicroelectronics SD4933MR Datasheet HTML 6Page - STMicroelectronics SD4933MR Datasheet HTML 7Page - STMicroelectronics SD4933MR Datasheet HTML 8Page - STMicroelectronics SD4933MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID023664 Rev 2
3/20
SD4933MR
Electrical data
20
1
Electrical data
1.1
Maximum ratings
(TCASE = 25 °C)
1.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain source voltage
200
V
VDGR
Drain-gate voltage (RGS = 1 MΩ)200
V
VGS
Gate-source voltage
±20
V
ID
Drain current
40
A
PDISS
Power dissipation
648
W
EAS
Avalanche energy
Single pulse (ID = 56 A - 800 µH coil)
1200
mJ
TJ
Max. operating junction temperature
200
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction - case thermal resistance
0.27
°C/W


Número de pieza similar - SD4933MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD4933 STMICROELECTRONICS-SD4933 Datasheet
646Kb / 19P
   HF/VHF/UHF RF power N-channel MOSFET
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFET
More results

Descripción similar - SD4933MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STAC4932F1MR STMICROELECTRONICS-STAC4932F1MR Datasheet
474Kb / 16P
   350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
April 2020 Rev 2
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
   Moisture resistant
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
   Compact, moisture resistant package
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
   Self-Stripping Moisture Resistant
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
   Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
   Compact, moisture resistant package
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
   Micro-capsule moisture resistant platinum
logo
MERITEK ELECTRONICS COR...
AS73 MERITEK-AS73 Datasheet
329Kb / 5P
   Special passivation for moisture sensitive applications
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
   Thick Film Chip Resistors, Industrial, Moisture Resistant
Revision: 21-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com