Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL0102 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPL0102
Descripción Electrónicos  Two 256-Taps Digital Potentiometers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPL0102_15 Datasheet HTML 6Page - Texas Instruments TPL0102_15 Datasheet HTML 7Page - Texas Instruments TPL0102_15 Datasheet HTML 8Page - Texas Instruments TPL0102_15 Datasheet HTML 9Page - Texas Instruments TPL0102_15 Datasheet HTML 10Page - Texas Instruments TPL0102_15 Datasheet HTML 11Page - Texas Instruments TPL0102_15 Datasheet HTML 12Page - Texas Instruments TPL0102_15 Datasheet HTML 13Page - Texas Instruments TPL0102_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V = 2.7 V
I
V = 5 V
I
V - Input Voltage - V
I
85°C, LA
85°C, LB
25°C, LB
25°C, WB
25°C, LA
-40°C, WA
-40°C, LB
-40°C, WB
-40°C, LA
85°C, WB
85°C, WA
25°C, WA
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
V - Input Voltage - V
I
0
10
20
30
40
50
60
70
80
90
100
110
25°C, WA
85°C, WA
85°C, WB
25°C, WB
-40°C, WB
-40°C, WA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V - Input Voltage - V
I
85°C, LA
85°C, LB
-40°C, LB
-40°C, LA
25°C, LA
25°C, LB
0
0.4
0.8
1.2
1.6
2
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
-4
0
4
8
1.2
1.6
t - Time - S
m
2.38
2.4
2.42
2.44
2.46
2.48
2.5
2.52
V
= 5 V,
V = V
,
V = GND,
C
= 10 pF
DD
H
DD
L
LOAD
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. Rheostat Mode Offset Error vs Temperature
Figure 14. Midscale Wiper Glitch (0x7Fh to 0x80h)
Figure 15. Wiper to Low Terminal Resistance (VDD = 5 V)
Figure 16. Wiper to Low Terminal Resistance (VDD = 2.7 V)
Figure 17. Supply Current vs Digital Input Voltage
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPL0102


Número de pieza similar - TPL0102_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
More results

Descripción similar - TPL0102_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
Renesas Technology Corp
X95820 RENESAS-X95820 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com