Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3USB3000RSER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3USB3000RSER
Descripción Electrónicos  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000RSER Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB3000RSER Datasheet HTML 1Page - Texas Instruments TS3USB3000RSER Datasheet HTML 2Page - Texas Instruments TS3USB3000RSER Datasheet HTML 3Page - Texas Instruments TS3USB3000RSER Datasheet HTML 4Page - Texas Instruments TS3USB3000RSER Datasheet HTML 5Page - Texas Instruments TS3USB3000RSER Datasheet HTML 6Page - Texas Instruments TS3USB3000RSER Datasheet HTML 7Page - Texas Instruments TS3USB3000RSER Datasheet HTML 8Page - Texas Instruments TS3USB3000RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TS3USB3000
www.ti.com
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
6.4 Thermal Information
TS3USB3000
THERMAL METRIC (1)
RSE (UQFN)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
191.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.3
°C/W
RθJB
Junction-to-board thermal resistance
117.5
°C/W
ψJT
Junction-to-top characterization parameter
7.4
°C/W
ψJB
Junction-to-board characterization parameter
117.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
TA = –40°C to 85°C, Typical values are at VCC = 3.3V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 1.65 V, ION = –8 mA
5.7
9
ON-state resistance match
ΔRON
VCC = 2.7 V
VI/O = 1.65 V, ION = –8 mA
0.1
between + and – paths
RON (FLAT)
ON-state resistance flatness
VCC = 2.7 V
VI/O = 1.65 V to 3.45V, ION = –8 mA
1
Switch OFF, VMHL+/MHL– = 1.65 V to 3.45
V,
IOZ
OFF leakage current
VCC = 4.3 V
–2
2
µA
VD+/D– = 0 V
Switch ON or OFF, VMHL+/MHL– = 1.65 V to
3.45 V,
IOFF
Power-off leakage current
VCC = 0 V
–10
10
µA
VD+/D– = NC
Switch ON, VMHL+/MHL– = 1.65 V to 3.45 V,
ION
ON leakage current
VCC = 4.3 V
–2
2
µA
VD+/D– = NC
USB SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 0.4 V, ION = –8 mA
4.6
7.5
ON-state resistance match
ΔRON
VCC = 2.7 V
VI/O = 0.4 V, ION = –8 mA
0.1
between + and – paths
RON (FLAT)
ON-state resistance flatness
VCC = 2.7 V
VI/O = 0 V to 0.4 V, ION = –8 mA
1
Switch OFF, VUSB+/USB– = 0 V to 3.6 V,
IOZ
OFF leakage current
VCC = 4.3 V
–2
2
µA
VD+/D– = 0 V
Switch ON or OFF, VUSB+/USB– = 0 V to 3.6
V,
IOFF
Power-off leakage current
VCC = 0 V
–10
10
µA
VD+/D– = NC
Switch ON, VUSB+/USB– = 0 V to 3.6 V,
ION
ON leakage current
VCC = 4.3 V
–2
2
µA
VD+/D– = NC
DIGITAL CONTROL INPUTS (SEL, OE)
VIH
Input logic high
VCC = 2.7 V to 4.3 V
1.3
V
VIL
Input logic low
VCC = 2.7 V to 4.3 V
0.6
V
IIN
Input leakage current
VCC = 4.3 V, VI/O = 0 V to 3.6 V, VIN = 0 to 4.3 V
–10
10
μA
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS3USB3000


Número de pieza similar - TS3USB3000RSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3USB3000RSER TI-TS3USB3000RSER Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
More results

Descripción similar - TS3USB3000RSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
   High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
   Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Alpha & Omega Semicondu...
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
   High-Speed USB and Audio DPDT Switch
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com