Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STH400N4F6-2 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STH400N4F6-2
Descripción Electrónicos  Automotive-grade N-channel 40 V, 0.85 m??typ.,180 A STripFET??VI DeepGATE??Power MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH400N4F6-2 Datasheet(HTML) 4 Page - STMicroelectronics

  STH400N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STH400N4F6-2, STH400N4F6-6
4/18
DocID023429 Rev 2
2
Electrical characteristics
(T
CASE
= 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source breakdown
voltage (V
GS
= 0)
I
D
= 250 μA40
V
I
DSS
Zero gate voltage
Drain current (V
GS
= 0)
V
DS
= 40 V
1
μA
V
DS
= 40 V, T
C
=125 °C
100
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 20 V
± 100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA3
4.5
V
R
DS(on)
Static drain-source
on-resistance
V
GS
= 10 V, I
D
= 60 A
0.85
1.15
m
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 25 V, f = 1 MHz,
V
GS
= 0
-
20500
-
pF
C
oss
Output capacitance
-
1990
-
pF
C
rss
Reverse transfer
capacitance
-
1790
-
pF
Q
g
Total gate charge
V
DD
= 20 V, I
D
= 150 A,
V
GS
= 10 V
-404
-
nC
Q
gs
Gate-source charge
-
110
-
nC
Q
gd
Gate-drain charge
-
130
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 20 V, I
D
= 90 A
R
G
=4.7
Ω V
GS
= 10 V
-71
-
ns
t
r
Rise time
-
184
-
ns
t
d(off)
Turn-off-delay time
-
285
-
ns
t
f
Fall time
-
168
-
ns


Número de pieza similar - STH400N4F6-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STH410N4F7-2AG STMICROELECTRONICS-STH410N4F7-2AG Datasheet
848Kb / 19P
   Switching applications
February 2016 Rev 4
STH410N4F7-6AG STMICROELECTRONICS-STH410N4F7-6AG Datasheet
848Kb / 19P
   Switching applications
February 2016 Rev 4
STH47N60DM6-2AG STMICROELECTRONICS-STH47N60DM6-2AG Datasheet
642Kb / 15P
   Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmeshTM DM6 Power MOSFET in an H2PAK-2 package
March 2019 Rev 2
logo
Teledyne Technologies I...
STH48D35 TELEDYNE-STH48D35 Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
STH48D50 TELEDYNE-STH48D50 Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
More results

Descripción similar - STH400N4F6-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
1Mb / 19P
   Automotive-grade N-channel 100 V, 2.1 m廓 typ., 180 A STripFET??F7 Power MOSFETs
September 2014 Rev 4
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a DPAK package
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
   N-channel 40 V, 180 A STripFET??VI DeepGATE?? Power MOSFET in H짼PAK-2 package
August 2012 Rev 1
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STH320N4F6-2 STMICROELECTRONICS-STH320N4F6-2 Datasheet
1Mb / 19P
   N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
February 2013 Rev 1
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com