Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E10B06DPYR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1E10B06DPYR
Descripción Electrónicos  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06DPYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD1E10B06DPYR Datasheet HTML 3Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 4Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 9Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 10Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1
2
TPD1E10B06
www.ti.com
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The TPD1E10B06 is a single-channel ESD TVS diode in a small 0402 package. This TVS protection product
offers ±30-kV IEC air-gap, ±30-kV contact ESD protection, and has an ESD clamp circuit with a back-to-back
TVS diode for bipolar or bidirectional signal support. The 12-pF line capacitance of this ESD protection diode
is suitable for a wide range of applications supporting data rates up to 400 Mbps. The 0402 package is an
industry standard and is convenient for component placement in space-saving applications.
Typical application of this ESD protection product is the circuit protection for audio lines (microphone,
earphone, and speakerphone), SD interfacing, keypad or other buttons, VBUS pin and ID pin of USB ports,
and general-purpose I/O ports. This ESD clamp is a good fit for the protection of the end equipment like
ebooks, tablets, remote controllers, wearables, set-top boxes, and electronic point of sale equipment.
7.2 Functional Block Diagram
7.3 Feature Description
TPD1E10B06 is a bidirectional TVS with high ESD protection level. This device protects circuit from ESD strikes
up to ±30-kV contact and ±30-kV air-gap specified in the IEC 61000-4-2 level 4 international standard. The
device can also handle up to 6-A surge current (IEC61000-4-5 8/20µs). The I/O capacitance of 12 pF supports a
data rate up to 400 Mbps. This clamping device has a small dynamic resistance of 0.4
Ω typically, which makes
the clamping voltage low when the device is actively protecting other circuits. For example, the clamping voltage
is only 10 V when the device is taking 1-A transient current. The breakdown is bidirectional so that this protection
device is a good fit for GPIO and especially audio lines which carry bidirectional signals. Low leakage allows the
diode to conserve power when working below the VRWM. The industrial temperature range of –40°C to 125°C
makes this ESD device work at extensive temperatures in most environments. The space-saving 0402 package
can fit into small electronic devices like mobile equipment and wearables.
7.4 Device Functional Modes
TPD1E10B06 is a passive clamp that has low leakage during normal operation when the voltage between pin 1
and pin 2 is below VRWM and activates when the voltage between pin 1 and pin 2 goes above VBR. During IEC
ESD events, transient voltages as high as ±30 kV can be clamped between the two pins. When the voltages on
the protected lines fall below the trigger voltage, the device reverts back to the low leakage passive state.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD1E10B06


Número de pieza similar - TPD1E10B06DPYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B06DPYR TI1-TPD1E10B06DPYR Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06DPYR TI-TPD1E10B06DPYR Datasheet
1Mb / 24P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
TPD1E10B06DPYR TI-TPD1E10B06DPYR Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
logo
Shanghai Leiditech Elec...
TPD1E10B06DPYR LEIDITECH-TPD1E10B06DPYR Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
TPD1E10B06DPYR UMW-TPD1E10B06DPYR Datasheet
1,004Kb / 5P
   Provides system-level ESD protection for lowvoltage I/O interface
More results

Descripción similar - TPD1E10B06DPYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com