Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD3S714-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD3S714-Q1
Descripción Electrónicos  Automotive USB 2.0 Interface Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S714-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPD3S714-Q1 Datasheet HTML 1Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 2Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 3Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 4Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 5Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 6Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 7Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 8Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TPD3S714-Q1
www.ti.com
SLVSCG4 – JANUARY 2016
Product Folder Links: TPD3S714-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage from USB connector
VBUS_CON
–0.3
18
V
Internal Supply DC voltage Rail on the PCB
VBUS_SYS
–0.3
6
V
Voltage range from connector-side USB data lines
VD+, VD–
–0.3
18
V
Voltage range for internal USB data lines
D+, D–
–0.3
VIN + 0.3
V
Voltage range for VIN supply input
VIN
-0.3
4
V
Voltage on enable pin
EN
7
V
Operating free air temperature
TA
–40
125
°C
Storage temperature
TSTG
–65
150
°C
(1)
The passing level per AEC-Q100 Classification H3.
(2)
The passing level per AEC-Q100 Classification C6.
(3)
Refer to ESD Test Setup diagram for details on system level ESD testing setup.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), ESD stress voltage, all
pins(1)
All pins
±4000
V
Charged device model (CDM), ESD stress voltage, all
pins(2)
All pins
±1500
IEC 61000-4-2 Contact Discharge(3)
VBUS_CON, VD+, VD– pins
±8000
IEC 61000-4-2 Air-gap Discharge(3)
VBUS_CON, VD+, VD– pins
±15000
ISO 10605 (330pF, 330
Ω) Contact Discharge(3)
VBUS_CON, VD+, VD– pins
±8000
ISO 10605 (330pF, 330
Ω) Air-gap Discharge(3)
VBUS_CON, VD+, VD– pins
±15000
(1)
See typical application diagram for configuration details
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBUS_CON
Supply voltage from USB connector
5.25
V
VBUS_SYS
Internal Supply DC voltage Rail on the PCB
4.75
5.25
V
VD+, VD–
Voltage range from connector-side USB data lines
0
VIN+0.3
V
D+, D–
Voltage range for internal USB data lines
0
VIN+0.3
V
VIN
Voltage range for VIN supply
3
3.6
V
IBUS
Current through VBUS switch
500
mA
EN
Voltage range for enable
0
5.9
V
CSYS
Input capacitance(1)
VBUS_SYS pin
100
µF
CLOAD
Output load capacitance(1)
VBUS_CON pin
1
µF
CVIN
VIN capacitance
(1)
VIN pin
1
µF


Número de pieza similar - TPD3S714-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713A-Q1 TI-TPD3S713A-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713AQRVCRQ1 TI-TPD3S713AQRVCRQ1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
More results

Descripción similar - TPD3S714-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
   Common mode filter with ESD protection for USB 2.0 Interface
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
   USB 2.0 Controller - Quick Interface
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Synaptics Incorporated.
CX20705 CONEXANT-CX20705 Datasheet
643Kb / 2P
   USB 2.0 Compliant Audio Class Interface
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com