Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD3E001DRLRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD3E001DRLRG4
Descripción Electrónicos  Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3E001DRLRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD3E001DRLRG4 Datasheet HTML 2Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 3Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 4Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 5Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 6Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 7Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 8Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 9Page - Texas Instruments TPD3E001DRLRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IO3
GND
IO2
IO1
V
CC
TPD3E001
SLLS683F – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPD3E001 is a three-channel Transient Voltage Suppressor (TVS) based Electrostatic Discharge (ESD)
protection diode array. The TPD3E001 is rated to dissipate ESD strikes at the maximum level specified in the
IEC 61000-4-2 international standard (Level 4). This device has a 1.5-pF IO capacitance per channel, making it
ideal for use in high-speed data IO interfaces. The ultra low leakage current (< 1 nA maximum) is suitable for
precision analog measurements in applications like glucose meters and heart rate monitors. The wide voltage
range on VCC (up to 5.5V) gives this device the flexibility to be used in a wide variety applications. Having 3-
channels of ESD protection makes this device particularly well suited to protect a micro-AB USB connector,
which has three signal lines to be protected (D+, D-, ID). The VBUS pin can also be protected by connecting it to
VCC on TPD3E001. Therefore, TPD3E001 is a one-chip solution to provide Level 4 IEC 61000-4-2 ESD
protection on every pin of the micro-AB USB connector.
7.2 Functional Block Diagram
7.3 Feature Description
TPD3E001 is a uni-directional ESD protection device with low capacitance. The device is constructed with a
central ESD clamp that features two hiding diodes per line to reduce the capacitive loading. This central ESD
clamp is also connected to VCC to provide protection for the VCC line. Each IO line is rated to dissipate ESD
strikes at the maximum level specified in the IEC 61000-4-2 level 4 international standard. The TPD3E001's low
loading capacitance makes it ideal for protection high-speed signal terminals.
7.4 Device Functional Modes
TPD3E001 is a passive-integrated circuit that activates whenever voltages above VBR or below the lower diodes
Vforward (–0.6V) are present upon the circuit being protected. During ESD events, voltages as high as ±15 kV can
be directed to ground and VCC via the internal diode network. Once the voltages on the protected lines fall below
the trigger voltage of the TPD3E001 (usually within 10's of nano-seconds) the device reverts back to a high-
impedance state.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPD3E001


Número de pieza similar - TPD3E001DRLRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD3E001DRLRG4 TI-TPD3E001DRLRG4 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLRG4 TI-TPD3E001DRLRG4 Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Descripción similar - TPD3E001DRLRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com