Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E02B04DQAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E02B04DQAR
Descripción Electrónicos  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04DQAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD4E02B04DQAR Datasheet HTML 5Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 6Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 7Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 8Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 9Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 10Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 11Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 12Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IO4
GND
IO3
IO2
IO1
9
TPD4E02B04
www.ti.com
SLVSD85A – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPD4E02B04
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD4E02B04 is a bidirectional ESD Protection Diode with ultra-low capacitance. This device can dissipate
ESD strikes above the maximum level specified by the IEC 61000-4-2 International Standard. The ultra-low
capacitance makes this device ideal for protecting any super high-speed signal pins.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±12-kV contact and ±15-kV air gap. An ESD/surge clamp diverts
the current to ground.
7.3.2 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50
impedance). An ESD/surge clamp diverts the current to ground.
7.3.3 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2 A and 17 W (8/20 µs waveform). An ESD/surge clamp diverts
this current to ground.
7.3.4 IO Capacitance
The capacitance between each I/O pin to ground is 0.27 pF (typical) and 0.37 pF (maximum). This device
supports data rates up to 10 Gbps.
7.3.5 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of ±5.5 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of ±3.6 V.
7.3.6 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (max) with a bias of ±2.5 V
7.3.7 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 8.8 V (IPP = 5 A).
7.3.8 Supports High Speed Interfaces
This device is capable of supporting high speed interfaces up to 10 Gbps, because of the extremely low IO
capacitance.


Número de pieza similar - TPD4E02B04DQAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Descripción similar - TPD4E02B04DQAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com