Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E02B04DQAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E02B04DQAR
Descripción Electrónicos  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04DQAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD4E02B04DQAR Datasheet HTML 7Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 8Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 9Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 10Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 11Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 12Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 13Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 14Page - Texas Instruments TPD4E02B04DQAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
USB Type-C
Connector
SSRX1P
SSRX1N
SSTX1P
SSTX1N
SSRX2N
SSRX2P
SSTX2N
SSTX2P
DMB
DPB
SBU1
CC2
SBU2
CC1
DPT
DMT
TPD4E02B04
TPD4E05U06
TPD4E05U06
TPD4E02B04
VBUS
VBUS
11
TPD4E02B04
www.ti.com
SLVSD85A – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPD4E02B04
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPD4E02B04 is a diode type TVS which is used to provide a path to ground for dissipating ESD events on
high-speed signal lines between a human interface connector and a system. As the current from ESD passes
through the TVS, only a small voltage drop is present across the diode. This is the voltage presented to the
protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
Figure 20. USB 3.1 Gen 2 Type-C ESD Schematic


Número de pieza similar - TPD4E02B04DQAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Descripción similar - TPD4E02B04DQAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com