Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4S014DSQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4S014DSQR
Descripción Electrónicos  USB Charger Port Protection Including ESD Protection for All Lines
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S014DSQR Datasheet(HTML) 4 Page - Texas Instruments

  TPD4S014DSQR Datasheet HTML 1Page - Texas Instruments TPD4S014DSQR Datasheet HTML 2Page - Texas Instruments TPD4S014DSQR Datasheet HTML 3Page - Texas Instruments TPD4S014DSQR Datasheet HTML 4Page - Texas Instruments TPD4S014DSQR Datasheet HTML 5Page - Texas Instruments TPD4S014DSQR Datasheet HTML 6Page - Texas Instruments TPD4S014DSQR Datasheet HTML 7Page - Texas Instruments TPD4S014DSQR Datasheet HTML 8Page - Texas Instruments TPD4S014DSQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
EN
ACK
ID
V
BUS
V
BUS
GND
D+
D-
V
OUT
BUS
V
OUT
BUS
1
10
6
5
4
TPD4S014
SLVSAU0G – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPD4S014
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSQ Package
10-Pin WSON
Top Side/See-Through View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
VBUSOUT
1, 2
Power Output
Connect to PCB internal PCB plane
EN
3
IO
Enable Active-Low Input. Drive EN low to enable the switch. Drive EN high to disable the switch.
ACK
4
I
Open-Drain Adapter-Voltage Indicator Output. ACK is driven low after the VIN voltage is stable
between UVLO and OVLO for 17 ms (typ). Connect a pullup resistor from ACK to the logic I/O
voltage of the host system.
ID
5
IO
ESD-protected line
D–
6
IO
ESD-protected line
D+
7
IO
ESD-protected line
GND
8
Ground
Ground
VBUS
9, 10
USB Input Power
Connector Side of VBUS
Central PAD
Central PAD
Heat Sink
Electrically disconnected. Use as heat sink. Connect to GND plane via large PCB PAD


Número de pieza similar - TPD4S014DSQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
More results

Descripción similar - TPD4S014DSQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S014_1110 TI1-TPD4S014_1110 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
STMicroelectronics
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
   3 LINES EMI FILTER INCLUDING ESD PROTECTION
December 2004 REV. 2
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
   6 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
January 2003 - Ed: 5
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
   003 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com