Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STHVDAC-256MTG Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STHVDAC-256MTG
Descripción Electrónicos  Antenna tuning circuit with turbo and glide
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-256MTG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STHVDAC-256MTG Datasheet HTML 3Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 4Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 5Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 6Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 7Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 8Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 9Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 10Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID028369 Rev 1
7/27
STHVDAC-256MTG
Theory of operation
27
3
Theory of operation
3.1
HVDAC output voltages
The HVDAC outputs are directly controlled by programming the 7 bits DAC (DAC A to
DAC F) through the RFFE interface.
The DAC stages are driven from a reference voltage, generating an analog output voltage
driving a high voltage amplifier supplied from the boost converter (see HVDAC block
diagram Figure 2).
The HVDAC output voltages are scaled from 0 to 24 V, with 127 steps of 188 mV. If DAC
value is set to 00h, then the corresponding output is setup to be in high impedance state
(6 MΩ).
STHVDAC-256MTG has been specifically designed to drive BST tunable capacitors,
equivalent to RC output loads as shown in Figure 3.
Figure 3. HVDAC output load
Each DAC output can be operated either in normal, turbo or glide mode. The DAC mode is
set by controlling turbo mode bit of each DAC register (MSB of registers 2, 3, 4, 6, 7, 8), and
Glide_enable bits (defined in registers#1 and #5).
3.1.1
DAC operation in normal mode -- glide_enable = 0b, turbo_mode = 0b
In normal mode, the DAC output directly switches from old to new output voltage after
programming. The DAC output is controlled to ensure the output voltage (Vout, see Figure 3)
reaches its final value within 10µs typical after valid RFFE command.
Typical timing diagram in Normal mode is shown on Figure 4.


Número de pieza similar - STHVDAC-256MTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
   Antenna tuning circuit
February 2014 Rev 1
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
More results

Descripción similar - STHVDAC-256MTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
   Antenna tuning circuit
February 2014 Rev 1
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
logo
Aven, Inc.
26800B-CY3 AVEN-26800B-CY3 Datasheet
775Kb / 1P
   Cyclops 3.0 with Ultra-Glide Stand and HD Monitor
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
   Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Motorola, Inc
MC44871 MOTOROLA-MC44871 Datasheet
202Kb / 12P
   PLL TUNING CIRCUIT WITH HIGH SPEED I2C BUS AND 30 V TUNING SUPPLY
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
   HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com