Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP220N6F7 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STP220N6F7
Descripción Electrónicos  High avalanche ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP220N6F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP220N6F7 Datasheet HTML 3Page - STMicroelectronics STP220N6F7 Datasheet HTML 4Page - STMicroelectronics STP220N6F7 Datasheet HTML 5Page - STMicroelectronics STP220N6F7 Datasheet HTML 6Page - STMicroelectronics STP220N6F7 Datasheet HTML 7Page - STMicroelectronics STP220N6F7 Datasheet HTML 8Page - STMicroelectronics STP220N6F7 Datasheet HTML 9Page - STMicroelectronics STP220N6F7 Datasheet HTML 10Page - STMicroelectronics STP220N6F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP220N6F7
Electrical characteristics
DocID026547 Rev 3
7/13
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs
temperature
Figure 12: Source-drain diode forward characteristics
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
10000
GIPG051120141219MT
GIPG051120141232MT
VGS(th)
0.40
-75
TJ(°C)
(norm)
-25
75
25
125
ID=250µ A
175
0.50
0.60
0.70
0.80
0.90
1.00
1.10
GIPG051120141240MT
RDS(on)
1.00
0.80
0.60
-75
TJ(°C)
(norm)
-25
75
25
125
VGS=10V
Id=60 A
175
1.20
1.40
1.60
1.80
GIPG051120141245MT
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.96
0.98
1.00
1.02
ID=1m A
1.04
175
GIPG051120141326MT
VSD
10
50
ISD(A)
(V)
30
110
70
90
0.50
TJ=-55°C
TJ=175°C
TJ=25°C
0.60
0.70
0.80
0.90
1.00


Número de pieza similar - STP220N6F7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STP2200ABGA ETC1-STP2200ABGA Datasheet
409Kb / 36P
   Uniprocessor System Controller
More results

Descripción similar - STP220N6F7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com