Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSF0204DRGYR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
LSF0204DRGYR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 32 page LSF0204 Vref_A A1 A2 A3 A4 Vref_B EN B1 B2 B3 B4 200 K Level Converter LSF0204, LSF0204D SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015 www.ti.com 10 Detailed Description 10.1 Overview The LSF Family may be used in level translation applications for interfacing devices or systems operating at different interface voltages with one another. The LSF Family is ideal for use in applications where an open-drain driver is connected to the data I/Os. LSF can achieve 100 MHz with the appropriate pull-up resistors and layout. The LSF Family may also be used in applications where a push-pull driver is connected to the data I/Os. 10.2 Functional Block Diagram 10 Submit Documentation Feedback Copyright © 2014–2015, Texas Instruments Incorporated Product Folder Links: LSF0204 LSF0204D |
Número de pieza similar - LSF0204DRGYR |
|
Descripción similar - LSF0204DRGYR |