Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC125N3 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74HC125N3
Descripción Electrónicos  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC125N3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC125N3 Datasheet HTML 2Page - Texas Instruments SN74HC125N3 Datasheet HTML 3Page - Texas Instruments SN74HC125N3 Datasheet HTML 4Page - Texas Instruments SN74HC125N3 Datasheet HTML 5Page - Texas Instruments SN74HC125N3 Datasheet HTML 6Page - Texas Instruments SN74HC125N3 Datasheet HTML 7Page - Texas Instruments SN74HC125N3 Datasheet HTML 8Page - Texas Instruments SN74HC125N3 Datasheet HTML 9Page - Texas Instruments SN74HC125N3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN54HC125
SN74HC125
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
www.ti.com
6.7 Electrical Characteristics, SN74HC125
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
2 V
1.9
IOH = –20 µA
4.5 V
4.4
VOH
VI = VIH or VIL
6 V
5.9
V
IOH = –6 mA
4.5 V
3.84
IOH = –7.8 mA
6 V
5.34
2 V
0.1
IOL = 20 µA
4.5 V
0.1
VOL
VI = VIH or VIL
6 V
0.1
V
IOL = 6 mA
4.5 V
0.33
IOL = 7.8 mA
6 V
0.33
II
VI = VCC or 0
6 V
±1000
nA
IOZ
VO = VCC or 0
6 V
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
80
µA
2 V to
Ci
10
pF
6 V
6.8 Switching Characteristics, TA = 25°C, CL = 50 pF
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
2 V
48
150
tpd
A
Y
4.5 V
14
30
ns
6 V
11
26
2 V
53
150
ten
OE
Y
4.5 V
14
30
ns
6 V
11
26
2 V
30
150
tdis
OE
Y
4.5 V
15
30
ns
6 V
14
26
2 V
28
75
tt
Any
4.5 V
8
15
ns
6 V
6
13
6.9 Switching Characteristics, SN54HC125, CL = 50 pF
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
2 V
150
tpd
A
Y
4.5 V
36
ns
6 V
25
2 V
180
ten
OE
Y
4.5 V
36
ns
6 V
31
2 V
180
tdis
OE
Y
4.5 V
36
ns
6 V
31
6
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC125 SN74HC125


Número de pieza similar - SN74HC125N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC125N3 TI-SN74HC125N3 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74HC125N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com