Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC595DBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HC595DBR
Descripción Electrónicos  8-Bit Shift Registers With 3-State Output Registers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC595DBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC595DBR Datasheet HTML 5Page - Texas Instruments SN74HC595DBR Datasheet HTML 6Page - Texas Instruments SN74HC595DBR Datasheet HTML 7Page - Texas Instruments SN74HC595DBR Datasheet HTML 8Page - Texas Instruments SN74HC595DBR Datasheet HTML 9Page - Texas Instruments SN74HC595DBR Datasheet HTML 10Page - Texas Instruments SN74HC595DBR Datasheet HTML 11Page - Texas Instruments SN74HC595DBR Datasheet HTML 12Page - Texas Instruments SN74HC595DBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SN54HC595, SN74HC595
www.ti.com
SCLS041I – DECEMBER 1982 – REVISED SEPTEMBER 2015
7.7 Switching Characteristics
Over recommended operating free-air temperature range.
TA = 25°C
SN54HC595
SN74HC595
FROM
TO
LOAD
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
6
26
4.2
5
fmax
50 pF
4.5 V
31
38
21
25
MHz
6 V
36
42
25
29
2 V
50
160
240
200
SRCLK
QH′
50 pF
4.5 V
17
32
48
40
6 V
14
27
41
34
tpd
ns
2 V
50
150
225
187
RCLK
QA – QH
50 pF
4.5 V
17
30
45
37
6 V
14
26
38
32
2 V
51
175
261
219
tPHL
SRCLR
QH′
50 pF
4.5 V
18
35
52
44
ns
6 V
15
30
44
37
2 V
40
150
255
187
ten
OE
QA – QH
50 pF
4.5 V
15
30
45
37
ns
6 V
13
26
38
32
2 V
42
200
300
250
tdis
OE
QA – QH
50 pF
4.5 V
23
40
60
50
ns
6 V
20
34
51
43
2 V
28
60
90
75
QA – QH
50 pF
4.5 V
8
12
18
15
6 V
6
10
15
13
tt
ns
2 V
28
75
110
95
QH′
50 pF
4.5 V
8
15
22
19
6 V
6
13
19
16
2 V
60
200
300
250
tpd
RCLK
QA – QH
150 pf
4.5 V
22
40
60
50
ns
6 V
19
34
51
43
2 V
70
200
298
250
ten
OE
QA – QH
150 pf
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
45
210
315
265
tt
QA – QH
150 pf
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
7.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
400
pF
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54HC595 SN74HC595


Número de pieza similar - SN74HC595DBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC595DBR TI-SN74HC595DBR Datasheet
641Kb / 20P
[Old version datasheet]   8BIT SHIFT REGISTERS WITH 3 STATE OUTPUT REGISTERS
SN74HC595DBR TI-SN74HC595DBR Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DBR TI-SN74HC595DBR Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DBRE4 TI-SN74HC595DBRE4 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DBRE4 TI-SN74HC595DBRE4 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Descripción similar - SN74HC595DBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com