Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LV132ADBR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74LV132ADBR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 24 page A B Y Product Folder Sample & Buy Technical Documents Tools & Software Support & Community SN54LV132A, SN74LV132A SCLS394J – APRIL 1999 – REVISED FEBRUARY 2015 SNx4LV132A Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 1 Features 3 Description The 'LV132A devices are quadruple positive-NAND 1 • 2-V to 5.5-V VCC Operation gates designed for 2-V to 5.5-V VCC operation. • Max tpd of 9 ns at 5 V The 'LV132A devices perform the Boolean function Y • Typical VOLP (Output Ground Bounce) <0.8 V at = A • B or Y = A + B in positive logic. VCC = 3.3 V, TA = 25°C Each circuit functions as a NAND gate, but because • Typical VOHV (Output VOH Undershoot) >2.3 V at of the Schmitt trigger, it has different input threshold VCC = 3.3 V, TA = 25°C levels for positive- and negative-going signals. • Support Mixed-Mode Voltage Operation on All These circuits are temperature compensated and can Ports be triggered from the slowest of input ramps and still • Latch-Up Performance Exceeds 250 mA per give clean jitter-free output signals. JESD 17 • Ioff Supports Live Insertion, Partial Power-Down Device Information(1) Mode, and Back Drive Protection PART NUMBER PACKAGE BODY SIZE (NOM) • ESD Protection Exceeds JESD 22 SOIC (14) 8.65 mm × 3.91 mm – 2000-V Human-Body Model (A114-A) 10.30 mm × 5.30 SOP (14) mm – 200-V Machine Model (A115-A) LV132A SSOP (14) 6.20 mm × 5.30 mm – 1000-V Charged-Device Model (C101) TSSOP (14) 5.00 mm × 4.40 mm TVSOP (14) 3.60 mm × 4.40 mm 2 Applications (1) For all available packages, see the orderable addendum at • Industrial PC: Rugged PC and Laptop the end of the data sheet. • Access Control and Security: Camera Surveillance IP Network • Vending, Payment and Change Machines • Patient Monitoring STB / DVR / Streaming Media (Withdraw) • Other Motor Drives (Such as Switch Reluctance) 4 Logic Diagram (Positive Logic) 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Número de pieza similar - SN74LV132ADBR |
|
Descripción similar - SN74LV132ADBR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |