Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G74DQER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G74DQER
Descripción Electrónicos  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G74DQER Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G74DQER Datasheet HTML 1Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 2Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 3Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 4Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 5Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 6Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 7Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 8Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TG
C
C
TG
C
C
TG
C
C
C
TG
C
C
CLR
CLK
D
PRE
Q
Q
C
6
2
7
3
5
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G74
SCES644D – MARCH 2006 – REVISED DECEMBER 2015
SN74AUP1G74 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
With Clear and Preset
1 Features
2 Applications
1
Available in the Texas Instruments NanoStar™
Servers
Package
LED Displays
Low Static-Power Consumption:
Network Switches
ICC = 0.9 μA Maximum
Telecom Infrastructure
Low Dynamic-Power Consumption:
Motor Drivers
Cpd = 5.5 pF Typical at 3.3 V
I/O Expanders
Low Input Capacitance: Ci = 1.5 pF Typical
Low Noise – Overshoot and Undershoot
3 Description
< 10% of VCC
The AUP family is TI's premier solution to the
Ioff Supports Partial-Power-Down Mode Operation
industry's
low-power
needs
in
battery-powered
portable applications. This family ensures a very low
Schmitt-Trigger Action Allows Slow Input
static- and dynamic-power consumption across the
Transition and Better Switching Noise Immunity at
entire VCC range of 0.8 V to 3.6 V, resulting in
the Input
increased battery life. This product also maintains
(Vhys = 250 mV Typical at 3.3 V)
excellent signal integrity (see the very low undershoot
Wide Operating VCC Range of 0.8 V to 3.6 V
and overshoot characteristics shown in Figure 6).
Optimized for 3.3-V Operation
Device Information(1)
3.6-V I/O Tolerant to Support Mixed-Mode Signal
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Operation
SN74AUP1G74YFP
DSBGA (8)
1.56 mm × 0.76 mm
tpd = 5 ns Maximum at 3.3 V
SN74AUP1G74YZP
DSBGA (8)
1.86 mm × 0.89 mm
Suitable for Point-to-Point Applications
SN74AUP1G74DCU
VSSOP (8)
2.30 mm × 2.00 mm
Latch-Up Performance Exceeds 100 mA Per
SN74AUP1G74DQE
X2SON (8)
1.40 mm × 1.00 mm
JESD 78, Class II
SN74AUP1G74RSE
UQFN (8)
1.50 mm × 1.50 mm
ESD Performance Tested Per JESD 22
(1) For all available packages, see the orderable addendum at
2000-V Human-Body Model (A114-B, Class II)
the end of the data sheet.
1000-V Charged-Device Model (C101)
AUP – The Lowest-Power Family
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - SN74AUP1G74DQER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G74DQER TI-SN74AUP1G74DQER Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Descripción similar - SN74AUP1G74DQER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com