Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL60S216 Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza IRL60S216
Descripción Electrónicos  Half-bridge and full-bridge topologies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL60S216 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IRL60S216 Datasheet HTML 3Page - Infineon Technologies AG IRL60S216 Datasheet HTML 4Page - Infineon Technologies AG IRL60S216 Datasheet HTML 5Page - Infineon Technologies AG IRL60S216 Datasheet HTML 6Page - Infineon Technologies AG IRL60S216 Datasheet HTML 7Page - Infineon Technologies AG IRL60S216 Datasheet HTML 8Page - Infineon Technologies AG IRL60S216 Datasheet HTML 9Page - Infineon Technologies AG IRL60S216 Datasheet HTML 10Page - Infineon Technologies AG IRL60S216 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
2016-1-19
 
IRL60S/SL216
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
Fig 18. Typical Recovery Current vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
Fig 20. Typical Stored Charge vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/µs)
0
4
8
12
16
20
IF = 60A
VR = 51V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
4
8
12
16
20
IF = 100A
VR = 51V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
50
100
150
200
250
300
350
400
IF = 60A
VR = 51V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
50
100
150
200
250
300
350
400
IF = 100A
VR = 51V
TJ = 25°C
TJ = 125°C
-75
-25
25
75
125
175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 250µA
ID = 1.0mA
ID = 1.0A


Número de pieza similar - IRL60S216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRL60S216 ISC-IRL60S216 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Descripción similar - IRL60S216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
   Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com