Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA92 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza PZTA92
Descripción Electrónicos  PNP Silicon High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA92 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PZTA92 Datasheet HTML 1Page - Infineon Technologies AG PZTA92 Datasheet HTML 2Page - Infineon Technologies AG PZTA92 Datasheet HTML 3Page - Infineon Technologies AG PZTA92 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZTA92
Dec-12-2001
2
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
300
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0
V(BR)CBO
300
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 200 V, IE = 0
ICBO
-
-
250
nA
Collector cutoff current
VCB = 200 V, IE = 0 , TA = 150 °C
ICBO
-
-
20
µA
Emitter cutoff current
VEB = 3 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
hFE
25
40
25
-
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VCEsat
-
-
0.5
V
Base-emitter saturation voltage 1)
IC = 20 mA, IB = 2 mA
VBEsat
-
-
0.9
AC Characteristics
-
100
-
Transition frequency
IC = 20 mA, VCE = 10 V, f = 100 MHz
fT
MHz
-
Collector-base capacitance
VCB = 20 V, f = 1 MHz
-
6
pF
Ccb
1) Pulse test: t < 300
s; D < 2%


Número de pieza similar - PZTA92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZTA92 PHILIPS-PZTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 14
logo
First Silicon Co., Ltd
PZTA92 FS-PZTA92 Datasheet
335Kb / 3P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
PZTA92 SIEMENS-PZTA92 Datasheet
126Kb / 4P
   PNP Silicon High-Voltage Transistors
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Fairchild Semiconductor
PZTA92 FAIRCHILD-PZTA92 Datasheet
655Kb / 14P
   PNP High Voltage Amplifier
More results

Descripción similar - PZTA92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com