Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS820-800T Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd. |
|
TS820-800T Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd. |
3 / 9 page TN8, TS8 and TYNx08 Series 3/9 PRODUCT SELECTOR ORDERING INFORMATION Part Number Voltage (xxx) Sensitivity Package 600 V 700 V 800 V 1000 V TN805-xxxB X X 5 mA DPAK TN805-xxxH X X 5 mA IPAK TN815-xxxB X X 15 mA DPAK TN815-xxxH X X 15 mA IPAK TS820-xxxB X X 0.2 mA DPAK TS820-xxxH X X 0.2 mA IPAK TS820-xxxT X X 0.2 mA TO-220AB TYNx08 X X X 15 mA TO-220AB TN 8 05 - 600 B (-TR) STANDARD SCR SERIES CURRENT: 8A SENSITIVITY: 05: 5mA 15: 15mA VOLTAGE: 600: 600V 800: 800V PACKAGE: B: DPAK H: IPAK PACKING MODE: Blank: Tube -TR: DPAK Tape & Reel TS 8 20 - 600 B (-TR) SENSITIVE SCR SERIES CURRENT: 8A SENSITIVITY: 20: 200µA VOLTAGE: 600: 600V 700: 700V PACKAGE: B: DPAK H: IPAK T: TO-220AB PACKING MODE: Blank: Tube -TR: DPAK Tape & Reel VOLTAGE: 6: 600V 8: 800V 10: 1000V STANDARD SCR SERIES CURRENT: 8A TYN 6 08 (RG) PACKING MODE Blank: Bulk RG: Tube www.kersemi.com 资料提供:可控硅在线 http://www.kkg.com.cn |
Número de pieza similar - TS820-800T |
|
Descripción similar - TS820-800T |