Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS820-700T Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

No. de pieza TS820-700T
Descripción Electrónicos  8A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TS820-700T Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  TS820-700T Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TN8, TS8 and TYNx08 Series
4/9
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
TN805-x00B
TN805x00
0.3 g
75
Tube
TN805-x00B-TR
TN805x00
0.3 g
2500
Tape & reel
TN805-x00H
TN805x00
0.4 g
75
Tube
TN815-x00B
TN815x00
0.3 g
75
Tube
TN815-x00B-TR
TN815x00
0.3 g
2500
Tape & reel
TN815-x00H
TN815x00
0.4 g
75
Tube
TS820-x00B
TS820x00
0.3 g
75
Tube
TS820-x00B-TR
TS820x00
0.3 g
2500
Tape & reel
TS820-x00H
TS820x00
0.4 g
75
Tube
TS820-x00T
TS820x00T
2.3 g
50
Tube
TYNx08
TYNx08
2.3 g
250
Bulk
TYNx08RG
TYNx08
2.3 g
50
Tube
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus case temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (DPAK).
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration.
0123
456
0
1
2
3
4
5
6
7
8
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
IT(av)(A)
DC
α = 180°
Tcase(°C)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT(av)(A)
α =180°
DC
Tamb(°C)
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K = [Zth(j-c)/Rth(j-c)]
tp(s)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Número de pieza similar - TS820-700T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS820-700T STMICROELECTRONICS-TS820-700T Datasheet
162Kb / 9P
   8A SCRs
TS820-700T-TR STMICROELECTRONICS-TS820-700T-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Descripción similar - TS820-700T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8 Datasheet
162Kb / 9P
   8A SCRs
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com