Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G175DBVTG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza 74LVC1G175DBVTG4
Descripción Electrónicos  Single D-Type Flip-Flop With Asynchronous Clear
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G175DBVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC1G175DBVTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G175DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
GND
V
CC
CLK
6
5
4
2
3
D
Q
CLR
1
2
GND
V
CC
1
5
CLK
D
4
3
Q
6
CLR
2
GND
V
CC
5
3
4
D
Q
6
1
CLK
CLR
Q
3
4
D
2
GND
5
1
CLK
V
CC
6
CLR
SN74LVC1G175
www.ti.com
SCES560G – MARCH 2004 – REVISED JUNE 2015
5 Pin Configuration and Functions
DBV Package
DCK Package
6-Pin SOT-23
6-Pin SC70
Top View
Top View
DRY Package
YZP Package
6-Pin SON
6-Pin DSBGA
Top View
Bottom View
See mechanical drawings for dimensions.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLK
1
I
Clock Input
CLR
6
I
Clear Data Input
D
3
I
Data Input
GND
2
Ground
Q
4
O
Output
VCC
5
Power
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G175


Número de pieza similar - 74LVC1G175DBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GF NXP-74LVC1G175GF Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
More results

Descripción similar - 74LVC1G175DBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
   D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
   SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
December 2001
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com