Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G123DCURG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74LVC1G123DCURG4
Descripción Electrónicos  Single Retriggerable Monostable Multivibrator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G123DCURG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVC1G123DCURG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 11Page - Texas Instruments 74LVC1G123DCURG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0.01
10
1.65
2.3
3
3.3
4.5
5
5.5
VCC − Supply Voltage − V
1000 pF
0.01 µF
10 pF
0.1
1
100 pF
109
106
103
1
108
107
105
104
102
101
Cext − External Timing Capacitance − pF
10
102
103
104
105
106
VCC = 5 V
TA = 25°C
RL =
1 k
5 k
10 k
100 k
200 k
VCC − Supply Voltage − V
0
1
2
3
4
6
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
5
1000 pF
0.01
µ
F
0.1 F
µ
µ
Cext − External Timing Capacitance − pF
109
106
103
10
102
103
104
105
106
1
108
107
105
104
102
101
VCC = 1.8 V
TA = 25°C
RL =
5 k
10 k
100 k
200 k
109
106
103
1
108
107
105
104
102
101
Cext − External Timing Capacitance − pF
10
102
103
104
105
106
VCC = 3.3 V
TA = 25°C
RL =
1 k
5 k
10 k
100 k
200 k
SN74LVC1G123
SCES586D – JULY 2004 – REVISED JUNE 2015
www.ti.com
6.11 Typical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
Figure 3. Output Pulse Duration
Figure 4. Output Pulse Duration
vs External Timing Capacitance
vs External Timing Capacitance
Figure 5. Output Pulse Duration
Figure 6. Output Pulse Duration Constant
vs External Timing Capacitance
vs Supply Voltage
Figure 7. Minimum Retrigger Time
vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G123


Número de pieza similar - 74LVC1G123DCURG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1G123DCURE4 TI-74LVC1G123DCURE4 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
More results

Descripción similar - 74LVC1G123DCURG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
   Retriggerable Monostable Multivibrator
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
   Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com