Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE44C20S-V5-M4 Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SLE44C20S-V5-M4
Descripción Electrónicos  Security & Chip Card ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE44C20S-V5-M4 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE44C20S-V5-M4 Datasheet HTML 1Page - Infineon Technologies AG SLE44C20S-V5-M4 Datasheet HTML 2Page - Infineon Technologies AG SLE44C20S-V5-M4 Datasheet HTML 3Page - Infineon Technologies AG SLE44C20S-V5-M4 Datasheet HTML 4Page - Infineon Technologies AG SLE44C20S-V5-M4 Datasheet HTML 5Page - Infineon Technologies AG SLE44C20S-V5-M4 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SLE 44C20S
Short Product Information
3 / 8
10.01
8-bit Security Controller with
17-Kbyte ROM, 256-byte RAM, 2-Kbyte EEPROM and Sleep Mode
Features
• 8-bit microcomputer in CMOS technology
• Instruction set opcode compatible with
standard SAB8051 processor
• Dedicated, non-standard architecture with
execution time less than half of standard
• SAB 8051 processor
• 15-Kbyte User ROM for application
programs
• 2-Kbyte manufacturer ROM for Chip
Management System (CMS)
• 2-Kbyte EEPROM
as
program/data
memory
• 256-byte RAM
• Power saving sleep mode
• Clock freq. = int. freq.:
1 to 5 MHz
1) at 5 V
± 10 %,
1 to 4 MHz at 3 V
± 10 %
• Contact configuration and serial interface
in accordance with ISO 7816
• Supply voltage range: 2.7 V to 5.5 V
• < 10 mA supply current at 5 MHz
• Temperature range: – 25 to + 70 °C. 2)
• ESD protection larger than 4 kV
Document References
Confidential Data Book SLE 44CxxS
Instruction Set SLE44CxxS – Quick
Reference
Qualification report
Chip delivery specification for wafer with
chip-layout (die size, orientation,...)
Module specification containing
description of package, etc.
Qualification report module
Development Tools Overview
Short Product Information Software
Development Kit SDK CC
EEPROM
• Reading, erasing and writing byte by byte
• Flexible page mode for 1 to 8 bytes
write/erase operation
• 32 bytes security area
• Write time 3.5 ms, erase time 1.75 ms
• Frequency-adaptable programming time
• Minimum of 500,000 write/erase cycles3)
• Data retention for minimum of ten years.
• EEPROM programming voltage generated
on chip
Security Features
• ROM code not visible due to implantation
• Low voltage sensor
• High voltage sensor
• Low-frequency sensor
• High-frequency protection
• 16
bytes
security
PROM,
hardware
protected
• Unique chip identification number for each
chip
CMS
• Intelligent write/erase routines for N bytes
programming (0 < N < 256)
• Two serial interface modes according to ISO
7816-3:
9600 bit/s related to 3.57 MHz
9600 bit/s related to 4.91 MHz
Support
HW-& SW-Tools (Emulator, Card Emulator,
Simulator)
Application notes
Supported Standards
ISO/IEC 7816
EMV 2000
GSM 11.1x
ETS I TS 102 221
1)
Extended frequency range up to 7.5 MHz is available, see ordering information.
2)
Extended temperature range is available for certain applications, e.g. GSM, see ordering information.
3)
Values are temperature dependent for further information please refer to your Infineon Technologies
Sales Office.


Número de pieza similar - SLE44C20S-V5-M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C20S-V5-M4 INFINEON-SLE44C20S-V5-M4 Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
More results

Descripción similar - SLE44C20S-V5-M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com