Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE44C42S-V5-F7-M4 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza SLE44C42S-V5-F7-M4
Descripción Electrónicos  Security & Chip Card ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE44C42S-V5-F7-M4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE44C42S-V5-F7-M4 Datasheet HTML 1Page - Infineon Technologies AG SLE44C42S-V5-F7-M4 Datasheet HTML 2Page - Infineon Technologies AG SLE44C42S-V5-F7-M4 Datasheet HTML 3Page - Infineon Technologies AG SLE44C42S-V5-F7-M4 Datasheet HTML 4Page - Infineon Technologies AG SLE44C42S-V5-F7-M4 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SLE 44C42S
Short Product Information
4 / 5
07.99
Ordering Information
Type
Package
1
Voltage Range Temperature
Range
Frequency Range
SLE 44C42S-M4
M4
SLE 44C42S -C
C
2.7 V - 5.5 V
– 25°C to + 70°C
1 MHz - 5 MHz @ 5V
1 MHz – 4 MHz @ 3V
SLE 44C42S -T85-M4
M4
SLE 44C42S -T85-C
C
2.7 V - 5.5 V
– 25°C to + 85°C
1 MHz - 5 MHz @ 5V
1 MHz – 4 MHz @ 3V
SLE 44C42S -V5-M4
M4
SLE 44C42S -V5-C
C
4.5 V - 5.5 V
– 25°C to + 70°C
1 MHz - 5 MHz
SLE 44C42S -V5-T85-M4
M4
SLE 44C42S -V5-T85-C
C
4.5 V - 5.5 V
– 25°C to + 85°C
1 MHz - 5 MHz
SLE 44C42S -V5-F7-M4
M4
SLE 44C42S -V5-F7-C
C
4.5 V - 5.5 V
– 25°C to + 70°C
1 MHz - 7.5 MHz
Pin Description
Figure 1
Pin Configuration (top view)
1 available as wire-bonded module (M4) for embedding in plastic cards or as die (C) for customer packaging


Número de pieza similar - SLE44C42S-V5-F7-M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C10S INFINEON-SLE44C10S Datasheet
62Kb / 5P
   Security & Chip Card ICs
1999.07
SLE44C10S-C INFINEON-SLE44C10S-C Datasheet
62Kb / 5P
   Security & Chip Card ICs
1999.07
SLE44C10S-M4 INFINEON-SLE44C10S-M4 Datasheet
62Kb / 5P
   Security & Chip Card ICs
1999.07
SLE44C10S-S INFINEON-SLE44C10S-S Datasheet
62Kb / 5P
   Security & Chip Card ICs
1999.07
SLE44C10S-T85-C INFINEON-SLE44C10S-T85-C Datasheet
62Kb / 5P
   Security & Chip Card ICs
1999.07
More results

Descripción similar - SLE44C42S-V5-F7-M4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com