Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE7736EM3 Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SLE7736EM3
Descripción Electrónicos  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE7736EM3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE7736EM3 Datasheet HTML 1Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 2Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 3Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 4Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 5Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 6Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 7Page - Infineon Technologies AG SLE7736EM3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Eurochip 77
Short Product Information
3 / 8
2001-12-21
Intelligent 237–Bit EEPROM Counter
for > 20000 Units with Security Logic,
High Security Authentication and
Card-Trash Mechanism
Features
• Member of Eurochip Family
100% functional compatibility to SLE 5536S/36SE with
focus on state of the art security features
• 221 bit EEPROM and 16 bit mask-programmable ROM
104 bit user memory
– 64 bit Identification Area consisting of
• 16 bit Manufacturer code (mask-programmable ROM)
• SLE 7736:
8 bit Manufacturer data, card issuer dependent (ROM)
40 bit for personalization data of card issuer (PROM)
• SLE 7736E:
48 bit for personalization data of card issuer (PROM)
– 40 bit Counter Area including 1 bit for personalization (PROM/EEPROM)
133 bit additional memory for advanced features (PROM/EEPROM)
– 4 bit Counter Backup (anti-tearing flags)
– 1 bit initiation flag for Authentication Key 2
– 16 bit Data Area 1 for free user access
– 48 bit Authentication Key 1
– either 48 bit Data Area 2 for user defined data
or 48 bit Authentication Key 2
– 16 bit Data Area 3 for free user access
• Counter with up to 33352 count units
– Five stage abacus counter
– Due to testing purposes a maximum of 21064 count units is guaranteed
• Counter tearing protection
– Backup feature activated at choice
Counter tearing protection may be disabled by mask option
• High security authentication unit
Individual card authentication fully compatible with Eurochip Family
– Random number as challenge
– Individual secret Authentication Key 1
– Optional individual secret Authentication Key 2
– Calculation of up to 16 bit response
– Calculation of a 16 bit response within 30 ms at a clock frequency of 100 kHz
Additionally activation by terminal
– Response calculation with cipher block chaining
– Certification of the counter value
• Card-Trash mechanism for physical devaluation
• Transport Code protection for delivery
M3


Número de pieza similar - SLE7736EM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE76CF1M0P INFINEON-SLE76CF1M0P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M2P INFINEON-SLE76CF1M2P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M50P INFINEON-SLE76CF1M50P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M52P INFINEON-SLE76CF1M52P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF2360P INFINEON-SLE76CF2360P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
More results

Descripción similar - SLE7736EM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com