Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD01060E Datasheet(PDF) 2 Page - Cree, Inc

No. de pieza CSD01060E
Descripción Electrónicos  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060E Datasheet(HTML) 2 Page - Cree, Inc

  CSD01060E Datasheet HTML 1Page - Cree, Inc CSD01060E Datasheet HTML 2Page - Cree, Inc CSD01060E Datasheet HTML 3Page - Cree, Inc CSD01060E Datasheet HTML 4Page - Cree, Inc CSD01060E Datasheet HTML 5Page - Cree, Inc CSD01060E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CSD01060 Rev. P
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
2.0
1.8
2.4
V
I
F = 1 A
T
J=25°C
I
F = 1 A
T
J=175°C
I
R
Reverse Current
20
40
100
500
μA
V
R = 600 V
T
J=25°C
V
R = 600 V
T
J=150°C
Q
C
Total Capacitive Charge
3.3
nC
V
R = 600 V, IF = 1 A
di/dt = 500 A/
μs
T
J = 25°C
C
Total Capacitance
80
11
8.5
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
1. This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
R
θJC
Thermal Resistance from Junction to Case
7
°C/W
R
θJA
Thermal Resistance from Junction to Ambient
60
˚C/W
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
0
10
20
30
40
50
0
200
400
600
800
1000
VR Reverse Voltage (V)
T
J = 25°C
T
J = 100°C
T
J = 200°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
F Forward Voltage (V)
0
10
20
30
40
50
0
200
400
600
800
1000
VR Reverse Voltage (V)
TJ 25 ° C
TJ 100 ° C
TJ 200 ° C
T
J = 25°C
T
J = 100°C
T
J = 200°C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
T
J = 25°C
T
J = 50°C
T
J = 100°C
T
J = 150°C
V
R Reverse Voltage (V)
50
40
30
20
10
0
0
200
400
600
800
1000


Número de pieza similar - CSD01060E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CSD01060E ETC1-CSD01060E Datasheet
211Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060E CREE-CSD01060E Datasheet
291Kb / 2P
   Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
CSD01060E CREE-CSD01060E Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
More results

Descripción similar - CSD01060E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com