Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1670 Datasheet(PDF) 6 Page - Semtech Corporation

No. de pieza GS1670
Descripción Electrónicos  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 2Page - Semtech Corporation GS1670 Datasheet HTML 3Page - Semtech Corporation GS1670 Datasheet HTML 4Page - Semtech Corporation GS1670 Datasheet HTML 5Page - Semtech Corporation GS1670 Datasheet HTML 6Page - Semtech Corporation GS1670 Datasheet HTML 7Page - Semtech Corporation GS1670 Datasheet HTML 8Page - Semtech Corporation GS1670 Datasheet HTML 9Page - Semtech Corporation GS1670 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
6 of 126
List of Figures
Figure 3-1: Digital Input Pin with Schmitt Trigger............................................................................... 22
Figure 3-2: Bidirectional Digital Input/Output Pin..............................................................................22
Figure 3-3: Bidirectional Digital Input/Output Pin with programmable drive strength......... 23
Figure 3-4: XTAL1/XTAL2/XTAL-OUT ................................................................................................... 23
Figure 3-5: VBG .............................................................................................................................................. 23
Figure 3-6: LB_CONT .................................................................................................................................... 24
Figure 3-7: Loop Filter .................................................................................................................................. 24
Figure 3-8: SDI/SDI and TERM .................................................................................................................. 24
Figure 3-9: SDO/SDO .................................................................................................................................... 24
Figure 4-1: 27MHz Clock Sources ............................................................................................................ 28
Figure 4-2: PCLK to Data and Control Signal Output Timing - SDR Mode 1 .............................. 31
Figure 4-3: PCLK to Data and Control Signal Output Timing - SDR Mode 2 .............................. 32
Figure 4-4: Switch Line Locking on a Non-Standard Switch Line ................................................. 36
Figure 4-5: H:V:F Output Timing - HDTV 20-bit Mode ..................................................................... 39
Figure 4-6: H:V:F Output Timing - HDTV 10-bit Mode ..................................................................... 39
Figure 4-7: H:V:F Output Timing - HD 20-bit Output Mode ............................................................ 40
Figure 4-8: H:V:F Output Timing - HD 10-bit Output Mode ............................................................ 40
Figure 4-9: H:V:F Output Timing - SD 20-bit Output Mode ............................................................. 40
Figure 4-10: H:V:F Output Timing - SD 10-bit Output Mode .......................................................... 40
Figure 4-11: H:V:DE Output Timing 1280 x 720p @ 59.94/60 (Format 4) ................................... 42
Figure 4-12: H:V:DE Output Timing 1920 x 1080i @ 59.94/60 (Format 5) ................................. 42
Figure 4-13: H:V:DE Output Timing 720 (1440) x 480i @ 59.94/60 (Format 6&7) .................... 43
Figure 4-14: H:V:DE Output Timing 1280 x 720p @ 50 (Format 19) ............................................. 43
Figure 4-15: H:V:DE Output Timing 1920 x 1080i @ 50 (Format 20) ........................................... 44
Figure 4-16: H:V:DE Output Timing 720 (1440) x 576 @ 50 (Format 21 & 22) ........................... 45
Figure 4-17: H:V:DE Output Timing 1920 x 1080p @ 23.94/24 (Format 32) .............................. 45
Figure 4-18: H:V:DE Output Timing 1920 x 1080p @ 25 (Format 33) .......................................... 46
Figure 4-19: H:V:DE Output Timing 1920 x 1080p @ 29.97/30 (Format 34) .............................. 46
Figure 4-20: Y/1ANC and C/2ANC Signal Timing .............................................................................. 54
Figure 4-21: Ancillary Data Extraction - Step A .................................................................................. 60
Figure 4-22: Ancillary Data Extraction - Step B ................................................................................... 61
Figure 4-23: Ancillary Data Extraction - Step C .................................................................................. 61
Figure 4-24: Ancillary Data Extraction - Step D .................................................................................. 62
Figure 4-25: ACLK to Data Signal Output Timing ............................................................................... 64
Figure 4-26: I2S Audio Output Format .................................................................................................... 65
Figure 4-27: AES/EBU Audio Output Format .......................................................................................65
Figure 4-28: Serial Audio, Left Justified, MSB First ............................................................................. 65
Figure 4-29: Serial Audio, Left Justified, LSB First .............................................................................. 65
Figure 4-30: Serial Audio, Right Justified, MSB First ..........................................................................66
Figure 4-31: Serial Audio, Right Justified, LSB First ........................................................................... 66
Figure 4-32: AES/EBU Audio Output to Bit Clock Timing ................................................................ 66
Figure 4-33: ECC 24-bit Array and Examples ...................................................................................... 68
Figure 4-34: Sample Distribution over 5 Video Frames (525-line Systems) ............................... 70
Figure 4-35: Audio Buffer After Initial 26 Sample Write .................................................................. 70
Figure 4-36: Audio Buffer Pointer Boundary Checking .................................................................... 71
Figure 4-37: GSPI Application Interface Connection ........................................................................ 76
Figure 4-38: Command Word Format ..................................................................................................... 76
Figure 4-39: Data Word Format ................................................................................................................ 77
Figure 4-40: Write Mode .............................................................................................................................. 78
Figure 4-41: Read Mode ............................................................................................................................... 78
Figure 4-42: GSPI Time Delay .................................................................................................................... 78


Número de pieza similar - GS1670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

Descripción similar - GS1670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com