Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPI73N03S2L-08 Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza SPI73N03S2L-08
Descripción Electrónicos  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI73N03S2L-08 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPI73N03S2L-08 Datasheet HTML 1Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 2Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 3Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 4Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 5Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 6Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 7Page - Infineon Technologies AG SPI73N03S2L-08 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003-04-24
Page 5
SPI73N03S2L-08
SPP73N03S2L-08,SPB73N03S2L-08
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
V
DS
0
20
40
60
80
100
120
140
A
170
SPP73N03S2L-08
V
GS
[V]
a
a
3.0
b
b
3.5
c
c
4.0
d
d
4.5
e
e
5.0
f
f
5.5
g
g
6.0
h
Ptot = 107W
h
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
20
40
60
80
100
A
140
I
D
0
2
4
6
8
10
12
14
16
18
20
22
24
m
28
SPP73N03S2L-08
VGS [V] =
b
b
3.5
c
c
4.0
d
d
4.5
e
e
5.0
f
f
5.5
g
g
6.0
h
h
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
1
2
3
4
V
6
VGS
0
20
40
60
80
100
A
140
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
25
50
75
100
A
150
ID
0
10
20
30
40
50
60
S
80


Número de pieza similar - SPI73N03S2L-08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sparkle Power Inc.
SPI700A8BB SPI-SPI700A8BB Datasheet
51Kb / 1P
   700 Watts ATX12V Switching Power Supply
SPI700ACAG SPI-SPI700ACAG Datasheet
833Kb / 2P
   700 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI700ACH5B SPI-SPI700ACH5B Datasheet
296Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
SPI700ACHBB SPI-SPI700ACHBB Datasheet
228Kb / 1P
   Complied with ATX12V and EPS12V standard
SPI700GHN SPI-SPI700GHN Datasheet
526Kb / 1P
   Complied with ATX12V and EPS12V standard
More results

Descripción similar - SPI73N03S2L-08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com