Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS2989-INTE3Z Datasheet(PDF) 10 Page - Gennum Corporation

No. de pieza GS2989-INTE3Z
Descripción Electrónicos  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2989-INTE3Z Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS2989-INTE3Z Datasheet HTML 6Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 7Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 8Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 9Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 10Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 11Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 12Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 13Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GS2989 Dual-Slew-Rate, Dual-Output Cable Driver
with 3Gb/s Capability
Data Sheet
52133 - 4
December 2010
10 of 19
4. Detailed Description
4.1 Serial Data Input
The GS2989 features a differential input buffer with on-chip 100Ω differential
termination.
The serial data input signal is connected to the DDI and DDI input pins of the device.
Input signals can be single-ended or differential, DC or AC-coupled.
The serial data input buffer is capable of operation with any binary coded signal that
meets the input signal level requirements, in the range of 270Mb/s to at least 2.97Gb/s.
The input circuit is self-biasing to allow for simple AC or DC-coupling of input signals to
the device.
4.2 Input Trace-equalization
The GS2989 features fixed trace-equalization to compensate for PCB trace dielectric
losses.
NOTE:
This feature is not available in SD mode, and therefore trace-equalization must
be disabled when operating in this mode.
The trace-equalization has two settings, OFF and ON. ON invokes a typical 3dB gain
value at 1.5GHz. This value is optimized for compensating the high-frequency losses
associated with approximately 10 inches of 5-mil stripline in FR4 material.
4.3 Serial Data Output
The GS2989 features dual current-mode differential output drivers capable of driving
up to 1800mVpp single-ended into a 1m length of 75Ω cable terminated at both ends.
The output signal amplitude or swing is user configurable using an external RSET
resistor.
The SDO1/SDO1 and SDO2/SDO2 pins of the device provide the serial data outputs.
4.3.1 Slew Rate Selection (Rise/Fall Time Requirement)
The GS2989 supports two user-selectable output slew rates.
Table 4-1: Input Trace-Equalization
EQ_EN
Function
0
Typical 3dB Trace Equalization
1Trace Equalization OFF
Floating
Trace Equalization OFF


Número de pieza similar - GS2989-INTE3Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2989-INTE3Z SEMTECH-GS2989-INTE3Z Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
More results

Descripción similar - GS2989-INTE3Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com