Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPA04N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SPA04N60C3
Descripción Electrónicos  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA04N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA04N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2003-10-02
Page 3
SPP04N60C3, SPB04N60C3
SPA04N60C3
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=2.8A
-
4.4
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
490
-
pF
Output capacitance
Coss
-
160
-
Reverse transfer capacitance
Crss
-
15
-
Effective output capacitance,5)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
20
-
Effective output capacitance,6)
time related
Co(tr)
-
35
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/10V,
ID=4.5A,
RG=18Ω
-
6
-
ns
Rise time
tr
-
2.5
-
Turn-off delay time
td(off)
-
58.5
80
Fall time
tf
-
9.5
14
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=480V, ID=4.5A
-
2.2
-
nC
Gate to drain charge
Qgd
-
8.8
-
Gate charge total
Qg
VDD=480V, ID=4.5A,
VGS=0 to 10V
-
19
25
Gate plateau voltage
V(plateau) VDD=480V, ID=4.5A
-
5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4Soldering temperature for TO-263: 220°C, reflow
5C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
6Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.


Número de pieza similar - SPA04N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPA04N60C3 INFINEON-SPA04N60C3 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
logo
Inchange Semiconductor ...
SPA04N60C3 ISC-SPA04N60C3 Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA04N60C3 VBSEMI-SPA04N60C3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Descripción similar - SPA04N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com