Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPI21N50C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza SPI21N50C3
Descripción Electrónicos  Cool MOS??Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI21N50C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPI21N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2003-07-02
Page 4
SPP21N50C3, SPB21N50C3
SPI21N50C3, SPA21N50C3
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
21
A
Inverse diode direct current,
pulsed
ISM
-
-
63
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=380V, IF=IS ,
diF/dt=100A/µs
-
450
-
ns
Reverse recovery charge
Qrr
-
9
-
µC
Peak reverse recovery current
Irrm
-
60
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
1200
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.00769
0.00769
K/W
Cth1
0.0003763
0.0003763
Ws/K
Rth2
0.015
0.015
Cth2
0.001411
0.001411
Rth3
0.029
0.029
Cth3
0.001931
0.001931
Rth4
0.114
0.16
Cth4
0.005297
0.005297
Rth5
0.136
0.319
Cth5
0.012
0.008659
Rth6
0.059
2.523
Cth6
0.091
0.412
SPP_B_I
SPP_B_I
External Heatsink
Tj
Tcase
Tamb
C th1
Cth2
Rth1
Rth,n
Cth,n
Ptot (t)


Número de pieza similar - SPI21N50C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Descripción similar - SPI21N50C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com