Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS51111 Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza TS51111
Descripción Electrónicos  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51111 Datasheet(HTML) 3 Page - Semtech Corporation

  TS51111 Datasheet HTML 1Page - Semtech Corporation TS51111 Datasheet HTML 2Page - Semtech Corporation TS51111 Datasheet HTML 3Page - Semtech Corporation TS51111 Datasheet HTML 4Page - Semtech Corporation TS51111 Datasheet HTML 5Page - Semtech Corporation TS51111 Datasheet HTML 6Page - Semtech Corporation TS51111 Datasheet HTML 7Page - Semtech Corporation TS51111 Datasheet HTML 8Page - Semtech Corporation TS51111 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TS51111
Final Datasheet
Rev 2.2
April 17, 2015
www.semtech.com
3 of 22
Semtech
Proprietary & Confidential
Pin Description (WCSP)
Pin #
Pin Name
Pin Function
Description
A1
SCL
I2C Clock
I2C clock
A2
AMUX
Analog Sense
Analog MUX output
A3
AGND
Analog Ground
Quiet ground connection
A4
MOD1
MOD cap connection
Pulldown for capacitive modulation
A5
MOD2
MOD cap connection
Pulldown for capacitive modulation
B1
SDA
I2C Data
I2C data
B2
VREF
Vref Output
ADC reference output
B3
PACKN
PACKN Sense
Battery negative terminal
B4
USB
USB Supply
USB supply and detection input
B5
EN_MOD
Enable Modulation
Enables modulation switches
C1
VCORE
VCORE LDO
LDO output
C2
THERM
Thermistor Drive
Thermistor drive
C3
UART
UART Bus
UART bus
C4
TXD
UART TX
UART Tx
C5
PACKS
Output Current Sense
Sense node for output current
D1
BST1
BST cap
Boost capacitor connection for HS FETs
D2
OVP
OV Clamp
Overvoltage pulldown clamp
D3
RXD
UART RX
UART Rx
D4, D5
PACKP
Battery Connection
Battery positive terminal
E1
BST2
BST cap
Boost capacitor connection for HS FETs
E2-5
PDC
Input power
Rectified input signal
F1-F3
VAC2
Coil input
AC power input from coil
F4, F5
VAC1
Coil input
AC power input from coil
G1
VACDET
VAC Detect
Indicates incoming power to external micro
G2-5
PGND
Power gnd
GND for synchronous rectifier and charging path
H1-H3
VAC2
Coil input
AC power input from coil
H4, H5
VAC1
Coil input
AC power input from coil
I1-5
PDC
Rectified voltage
Filter capacitor connection for rectified voltage


Número de pieza similar - TS51111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 ETC2-TS51111 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS51111-M22QFNR SEMTECH-TS51111-M22QFNR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

Descripción similar - TS51111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
logo
List of Unclassifed Man...
XKT-412 ETC-XKT-412 Datasheet
910Kb / 9P
   Wireless Power Transfer/Charging
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com