Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80000-QFNR Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza TS80000-QFNR
Descripción Electrónicos  High Efficiency Transmitter Controller for Wireless Power Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000-QFNR Datasheet(HTML) 3 Page - Semtech Corporation

  TS80000-QFNR Datasheet HTML 1Page - Semtech Corporation TS80000-QFNR Datasheet HTML 2Page - Semtech Corporation TS80000-QFNR Datasheet HTML 3Page - Semtech Corporation TS80000-QFNR Datasheet HTML 4Page - Semtech Corporation TS80000-QFNR Datasheet HTML 5Page - Semtech Corporation TS80000-QFNR Datasheet HTML 6Page - Semtech Corporation TS80000-QFNR Datasheet HTML 7Page - Semtech Corporation TS80000-QFNR Datasheet HTML 8Page - Semtech Corporation TS80000-QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TS80000
Final Datasheet
Rev 1.4
March 19, 2015
www.semtech.com
3 of 37
Semtech
Proprietary & Confidential
Pin Description
Pin #
Pin Name
Pin Function
Description
1
VDD
Input power
Input power supply
2
OSC_IN
Oscillator input
Oscillator input
3
OSC_OUT
Oscillator output
Oscillator output
4
NRST
Reset
Reset input
5
AGND
Analog GND
Analog GND
6
AVDD
Analog power
Analog power supply
7
THERM/FOD
Thermistor/FOD
Thermistor input or FOD calibration input
8
AGPIO1
Analog GPIO
Analog GPIO1
9
AGPIO2/ AC1_VOLTAGE
Analog GPIO
Analog GPIO2 or AC coil voltage for coil #1 in a three-coil system
10
AGPIO3/ AC2_VOLTAGE
Analog GPIO
Analog GPIO3 or AC coil voltage for coil #2 in a three-coil system
11
AC3_VOLTAGE
Analog GPIO
AC coil voltage for a single-coil system or AC coil voltage for coil #3 in a three-coil system
12
DC_VOLTAGE
Analog GPIO
DC input voltage measurement
13
DC_CURRENT
Analog GPIO
DC input current measurement
14
PWM1_L
PWM output
PWM1 low-side control
15
PWM2_L
PWM output
PWM2 low-side control
16
AC_MAX
Analog GPIO
Communication demodulator input
17
DRV_EN
Drive enable
FET driver enable
18
GND
Power GND
Power GND
19
VDD
Input power
Input power supply
20
PWM1_H
PWM
PWM1 high-side control
21
PWM2_H
PWM
PWM2 high-side control
22
GPIO10
GPIO
GPIO10
23
GPIO11/USBD_N
GPIO/USB data
GPIO11 or USB data input (D-)
24
GPIO12/USBD_P
GPIO/USB data
GPIO12 or USB data input (D+)
25
GPIO13/JTMS
GPIO/JTAG
GPIO13 or JTAG state machine control
26
GND
Power GND
Power GND
27
VDD
Input power
Input power supply
28
GPIO14/JTCK
GPIO/JTAG
GPIO14 or JTAG clock
29
GPIO15
GPIO
GPIO15
30
GPIO3
GPIO
GPIO3
31
GPIO4
GPIO
GPIO4
32
GPIO5
GPIO
GPIO5
33
SCL/TXD
I2C/UART
I2C clock or UART output
34
SDA/RXD
I2C/UART
I2C data or UART input
35
GND
Power GND
Power GND
36
GND
Power GND
Power GND


Número de pieza similar - TS80000-QFNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

Descripción similar - TS80000-QFNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com