Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS33003-M009QFNR Datasheet(PDF) 8 Page - Semtech Corporation

No. de pieza TS33003-M009QFNR
Descripción Electrónicos  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M009QFNR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS33003-M009QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 9Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 10Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 11Page - Semtech Corporation TS33003-M009QFNR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
8 of 16
Semtech
Proprietary & Confidential
Internal Protection Details
Internal Current Limit
Current limit is always active when the regulator is enabled.
High side current limit will shorten the high side on time and
tri-state the high side. Additionally, low side current limit will
protect the low side FET and turn off the switch if current limit
is sensed on the low side switch. Since the output is fully
synchronous, the current limit is protected on the low side in
both the positive and negative direction.
Soft Start
Soft start ensures current limit does not prevent regulator
startup and minimize overshoot at startup. The typical startup
time is 3ms. These values do not change with output voltage,
current limit settings, or adjustable/fixed mode. The soft start
is re-triggered with the any rising edge that enables the
regulator, including the EN input pins, thermal shutdown, VCC
Undervoltage, or a VCC Power cycle.
Thermal Shutdown
If the temperature of the die exceeds 170C, the VSW outputs
will tri-state to protect the device from damage. The PG and all
other protection circuitry will stay active to inform the system
of the failure mode. Once the device cools to 160C, the device
will attempt to start up again, following the normal soft start
sequence with 10ms delay on PG. If the device reaches 170C,
the shutdown/restart sequence will repeat.
Output Overvoltage
If the output of the regulator exceeds 106% of the regulation
voltage, the VSW outputs will tri-state to protect the device
from damage. This check occurs at the start of each switching
cycle. If it occurs during the middle of a cycle, the switching
for that cycle will complete, and the VSW outputs will tri-state
at the beginning of the next cycle.
VCC Under-Voltage Lockout
The device is held in the off state until VCC reaches 2.2V. There
is a 200mV hysteresis on this input, which requires the input to
fall below 2V before the device will disable.


Número de pieza similar - TS33003-M009QFNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Descripción similar - TS33003-M009QFNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com