Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM30KPA43AN Datasheet(PDF) 3 Page - Protek Devices

No. de pieza SM30KPA43AN
Descripción Electrónicos  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA43AN Datasheet(HTML) 3 Page - Protek Devices

  SM30KPA43AN Datasheet HTML 1Page - Protek Devices SM30KPA43AN Datasheet HTML 2Page - Protek Devices SM30KPA43AN Datasheet HTML 3Page - Protek Devices SM30KPA43AN Datasheet HTML 4Page - Protek Devices SM30KPA43AN Datasheet HTML 5Page - Protek Devices SM30KPA43AN Datasheet HTML 6Page - Protek Devices SM30KPA43AN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05435.R10 2/16
Page 3
SM30KPA30AN - SM30KPA320CAN
TYPICAL DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
BIDIRECTIONAL
PART
NUMBER
(Note 1)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µS
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
MIN
V
(BR)
VOLTS
@I
T
mA
SM30KPA30CAN
30C
30.0
33.3
50
20
55.2V @ 543.0A
34
SM30KPA33CAN
33C
33.0
36.7
50
10
58.6V @ 512.0A
39
SM30KPA36CAN
36C
36.0
40.0
50
10
61.8V @ 485.0A
41
SM30KPA45CAN
45C
45.0
50.3
5
10
77.4V @ 391.0A
55
SM30KPA48CAN
48C
48.0
53.3
5
10
81.6V @ 371.3A
56
SM30KPA51CAN
51C
51.0
56.7
5
50
82.8V @ 362.0A
60
SM30KPA54CAN
54C
54.0
60.0
5
10
91.4V @ 331.5A
64
SM30KPA58CAN
58C
58.0
64.4
5
10
92.4V @ 325.0A
68
SM30KPA70CAN
70C
70.0
78.2
5
2
109.0V @ 278.0A
80
SM30KPA75CAN
75C
75.0
83.3
5
2
119.4V @ 251.0A
89
SM30KPA78CAN
78C
78.0
87.1
5
2
129.0V @ 234.9A
100
SM30KPA85CAN
85C
85.0
94.4
5
2
139.0V @ 216.0A
105
SM30KPA100CAN
100C
100.0
111.0
5
2
162.0V @ 186.0A
121
SM30KPA102CAN
102C
102.0
114.0
5
2
166.0V @ 183.0A
124
SM30KPA150CAN
150C
150.0
167.6
5
2
245.0V @ 123.7A
180
SM30KPA260CAN
260C
260.0
289.0
5
2
416.0V @ 72.0A
317
SM30KPA300CAN
300C
300.0
334.0
5
2
484.0V @ 62.0A
368
SM30KPA320CAN
320C
320.0
356.0
5
2
530.0V @ 57.0A
370
NOTES
1. Devices shown are preferred voltages. Consult factory for additional voltages.
RTCA DO-160G COMPLIANT PRODUCT


Número de pieza similar - SM30KPA43AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SM30KPA43A PROTEC-SM30KPA43A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Descripción similar - SM30KPA43AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com