Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC11IB Datasheet(PDF) 5 Page - Infineon Technologies AG |
|
TC11IB Datasheet(HTML) 5 Page - Infineon Technologies AG |
5 / 108 page Data Sheet 1 V2.3, 2003-11 TC11IB 32-Bit Single-Chip Microcontroller TriCore Family Advance Information • High Performance 32-bit TriCore CPU with 4-Stage Pipeline running at 96MHz Clock • Dual Issue super-scalar implementation – MAC Instruction maximum triple issue • Circular Buffer and bit-reverse addressing modes for DSP algorithms • Flexible multi-master interrupt system • Very fast interrupt response time • Hardware controlled context switch for task switch and interrupts • Windows CE compliant Memory Management Unit (MMU) • 64 kByte of on-chip SRAM for data and time critical code • Independent Peripheral Control Processor (PCP) for low level driver support with 20 kByte code / parameter memory • eDRAM Local Memory Unit (LMU) with 512 KBytes Code/data Memory. • ComDRAM with 1MBytes DRAM Memory • High Performance Local Memory Bus (LMB) for fast access between Caches and on- local memories and Fast-FPI Interface. • Two On-chip Flexible Peripheral Interface Buses (Fast FPI Bus and Slow FPI Bus) for interconnections of functional units • Flexible External Bus Interface Unit (EBU) used for communication with external data memories such as PC 100 SDRAM, Burst Flash and SRAM etc. and external peripheral units, including Intel style and Motorola style peripherals. • On-Chip Peripheral Units – Two Multifunctional General Purpose Timer Units (GPTU0 & GPTU1) with three 32- bit timer/counters each – Asynchronous/Synchronous Serial Channels (ASC) with IrDA data transmission, receive/transmit FIFOs, parity, framing and overrun error detection – High Speed Synchronous Serial Channels (SSC) with programmable data length and shift direction – Asynchronous Serial Interface (16X50) with programmable XON/XOFF characters, Baudrate generator, receive/transmit FIFOs and standard modem interface support. – 16 MHz MultiMediaCard Interface (MMCI), a glueless interface to MultiMediaCard Bus, with bus clock generation, CRC protection and up to 2 MByte/s data communication. – Fast Ethernet Controller with 10/100 Mbps MII-Based physical devices support. – PCI V2.2 Interface with PCI Bus Power Management and DMA data transfer. – Watchdog Timer and System Timer • Six 16-bit digital I/O ports • On-Chip Debug Support (OCDS) |
Número de pieza similar - TC11IB |
|
Descripción similar - TC11IB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |