Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC11IB Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza TC11IB
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC11IB Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TC11IB Datasheet HTML 4Page - Infineon Technologies AG TC11IB Datasheet HTML 5Page - Infineon Technologies AG TC11IB Datasheet HTML 6Page - Infineon Technologies AG TC11IB Datasheet HTML 7Page - Infineon Technologies AG TC11IB Datasheet HTML 8Page - Infineon Technologies AG TC11IB Datasheet HTML 9Page - Infineon Technologies AG TC11IB Datasheet HTML 10Page - Infineon Technologies AG TC11IB Datasheet HTML 11Page - Infineon Technologies AG TC11IB Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
TC11IB
Data Sheet
4
V2.3, 2003-11
Logic Symbol
Figure 2
TC11IB Logic Symbol
M C B 0 49 45
TC 11IB
P ort 0 16-B it
SVM
WA IT
RD/W R
RD
CP UCLK
C F G [0:3]
NM I
HDRS T
PO R S T
V
SS
V
DD O S C
HOL D
RA S
ALE
BRE Q
HLDA
EB U Control
A lternate F unctions
Digital Circuitry
P ow er S upply
4
G eneral C ontrol
CA S
CS [0:6]
7
C SEM U
CS G LB
CS O V L
CS F P I
CK E
MR _ W
RM W
E B UCLK
BAA
AD V
AC LK
CM DE LA Y
M II_T xC LK
M II_RxCLK
MII_MD IO
TE S T M O D E
TM _C TR L1
TM _C TR L2
CLK 42
P LL96_C trl
P LL42_C trl
XT A L1
XT A L2
E thernet C lo ck
TE S T
V
SS O S C
V
DDP L L 9 6
V
SS PL L 9 6
V
DDP L L 4 2
V
SS PL L 4 2
O scillator / P LL
52
21
V
DD
V
DDP
20
V
DDDRA M
2
V
COM R E F
V
LM U R E F
P_CLK 33
P _ID SEL
P_G N T
P_RE Q
P_P M E
P_IN T B
P_IN T A
P _LO C K
P_IRDY
P_F R A M E
P_T RDY
P _D EVSEL
P_S T O P
P _PER R
P _SER R
P _PAR
P _C /B E [0:3]
P _A D [0:31]
O CDS 2B RK[0:2]
O C D S 2P C [0:7]
O C D S 2P S [0:4 ]
O CDS /
JT A G
C ontrol
A [0:23 ]
BC [0:3]
A D [0:31]
P ort 1 16-B it
P ort 2 16-B it
P ort 3 16-B it
P ort 4 16-B it
P ort 5 16-B it
GP T U 0/1
S S C 0/1, M M C I,
A S C , 16x50
E thernet, M M C I
E xternal
Interrupts
MM C I
EBU C ontrol
O CDS / JT A G
C ontrol
PC I


Número de pieza similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
   Max. output 32V DC, 6A
20230317-I
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Descripción similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com