Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC11IB Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de pieza TC11IB
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC11IB Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC11IB Datasheet HTML 5Page - Infineon Technologies AG TC11IB Datasheet HTML 6Page - Infineon Technologies AG TC11IB Datasheet HTML 7Page - Infineon Technologies AG TC11IB Datasheet HTML 8Page - Infineon Technologies AG TC11IB Datasheet HTML 9Page - Infineon Technologies AG TC11IB Datasheet HTML 10Page - Infineon Technologies AG TC11IB Datasheet HTML 11Page - Infineon Technologies AG TC11IB Datasheet HTML 12Page - Infineon Technologies AG TC11IB Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
TC11IB
Data Sheet
5
V2.3, 2003-11
Pin Configuration
Figure 3
TC11IB Pinning: P-BGA-388 Package (top view)
M C P 0495 0
AF
12
3456
789
MII_
MD IO
10
11
12
13
XT AL2
14
15
XT AL1
16
17
P2.3
18
19
20
21
BAA
22
23
Res er
ved
P1.15
HD
RS T
A
B
PLL96
CT R L
P2.2
V
DD
OS C
C
CP U
CLK
A
B
C
D
V
SS
D
E
F
G
H
J
K
L
M
N
P
R
T
U
P3.7
V
P3.8
P3.9
W
F
G
H
J
K
L
M
N
P
R
T
U
V
W
AC
E
AD
AD
AE
AE
P5.0
AF
Res er
ved
12
3456
789
10
11
12
13
14
15
16
17
18
19
20
24
25
26
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
P1.13
P1.11
P1.7
P1.4
P1.0
P2.12
P2.10
MII_
Tx C LK
V
DD
P LL42
V
SS
P LL96
V
LM U
RE F
V
DD
DRA M
P2.1
ALE
24
25
26
CS
GLB
HLDA
A [20]
AD [3 1]
AD [3 0] A D [29]
A [21]
A D [23]
BR EQ
CM DE
LA Y
CS F P I
AD V
P2.5
P2.7
V
DD
P LL96
P LL42
CT RL
V
DD
P2.8
P2.11
P2.14
P1.1
P1.5
P1.8
V
DD
P1.14
OC D S
2PS[2]
NM I
OC D S
2P C [7]
PO
RS T
P1.12
P1.9
P1.6
P1.2
P2.15
P2.13
P2.9
MII_
Rx CLK
TM
CT RL2
V
SS
P LL42
V
SS OSC
TM
CT RL1
P2.6
P2.4
P2.0
WA IT
CS
OVL
MR _W
HO LD
A [22]
A D [22] AD [2 1] A D [28]
A D [26]
AD [2 7]
A D [20]
V
SS
A[23]
V
DD
SV M
V
DD P
V
SS
V
DD
V
DD P
Res er
ved
V
DDP
V
SS
CLK 42
V
DDP
V
DD
V
SS
V
DD P
P1.3
V
DD
P1.10
V
SS
OC D S
2P C [4]
OC D S
2P S [1]
OC D S
2P S [4]
OC D S
2P C [3]
OC D S
2P C [6]
OC D S
2P S [0]
OC D S
2PS[3]
OC D S
2P C [1]
OC D S
2P C [2]
OC D S
2P C [5]
V
DD
OC D S
2P C [0]
OC D S
2B R K
[0]
OC D S
2B R K
[1]
OC D S
2B R K
[2]
V
DD
OC D S
_E
BR K
_IN
V
DD P
V
SS
BR K
_O U T
CF G
[3]
CF G
[2]
P0.0
CF G
[1]
CF G
[0]
V
DD
P0.3
P0.2
P0.1
V
DD P
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
V
DD P
P0.11
P0.12
P0.13
V
SS
P0.14
P0.15
P3.0
P3.1
P3.2
V
DD
P3.3
V
DD P
P3.4
P3.5
P3.6
V
DD
P3.10
P3.11
V
DD P
Y
P4.0
P4.1
P4.2
P3.12
P3.13
P3.14
P4.4
P4.5
AA
AB
AC
P3.15
P4.3
P4.6
P4.8
P4.9
P4.7
P5.3
P5.10
V
DD P
V
DDP
P_
PM E
V
DDP
P_
ID S E L
V
DD P
V
SS
V
DD
V
SS
V
DD
V
SS
V
DD
V
SS
V
DD
V
DD
V
SS
V
DD P
P_
ST O P
V
DD
P_A D
[13]
V
SS
P_C /BE
[0]
CS
EM U
CS [1]
Y
AA
AB
A D [24]
AD [2 5]
A D [18]
A D [19]
V
DD
A D [15]
AD [1 6]
A D [17]
V
DD P
BC [2]
AD [0]
AD [1]
A D [13]
AD [1 4]
AD [6]
AD [7]
V
DD P
A D [11]
AD [1 2]
AD [5]
V
SS
AD [9]
A D [10]
AD [4]
V
DD
AD [8]
AD [3]
AD [2]
AC LK
BC [3]
BC [0]
BC [1]
V
SS
RD /
WR
CA S
EB U
CLK
V
DD P
RA S
CS [6]
CK E
A [17]
A [18]
A[19]
CS [5]
V
DD P
A [16]
A[15]
A [14]
V
DD
A [12]
A[11]
A [13]
V
SS
A[1]
A[9]
A [10]
V
DD P
A[2]
A[7]
A[8]
CS [4]
A[3]
A[4]
A[6]
V
DD
CS [3]
A[5]
A[0]
CS [0]
CS [2]
RM W
RD
21
22
23
P4.10
P4.11
P4.14
P5.2
P5.6
P5.9
P5.13
TM S
TD I
VC O M
RE F
P_
GN T
P_A D
[30]
P_A D
[28]
P_A D
[26]
P_A D
[22]
P_A D
[20]
P_A D
[18]
P_
FR A M E
P_
TR D Y
P_
PA R
P_A D
[15]
P_AD
[11]
P_A D
[9]
P_AD
[6]
P_A D
[2]
P_AD
[0]
P4.12
P4.13
P5.1
P5.5
P5.8
P5.12
P5.15
TR S T
T EST
MO D E
P_
IN T A
P_
RE Q
P_A D
[29]
P_A D
[27]
P_A D
[24]
P_A D
[23]
P_A D
[19]
P_A D
[16]
P_
IR D Y
P_
LO C K
P_
SER R
P_A D
[14]
P_AD
[10]
P_A D
[7]
P_AD
[4]
P_A D
[1]
Res er
ved
P_C /BE
[1]
P_AD
[12]
P_A D
[8]
P_AD
[5]
P_A D
[3]
P_
PER R
P_D E V
SEL
P_C /B E
[2]
P_A D
[25]
P_A D
[21]
P_A D
[17]
P_C /B E
[3]
V
DD
DR A M
P_A D
[31]
P_C L K
33
P_
IN T B
Re s er
ved
TDO
TC K
P4.15
P5.4
P5.7
P5.11
P5.14
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
388 -P in P -B G A P a ckag e P in C o nfig uration (top view )
fo r T C 1 1 IB


Número de pieza similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
   Max. output 32V DC, 6A
20230317-I
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Descripción similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com