Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC11IB Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza TC11IB
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC11IB Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC11IB Datasheet HTML 6Page - Infineon Technologies AG TC11IB Datasheet HTML 7Page - Infineon Technologies AG TC11IB Datasheet HTML 8Page - Infineon Technologies AG TC11IB Datasheet HTML 9Page - Infineon Technologies AG TC11IB Datasheet HTML 10Page - Infineon Technologies AG TC11IB Datasheet HTML 11Page - Infineon Technologies AG TC11IB Datasheet HTML 12Page - Infineon Technologies AG TC11IB Datasheet HTML 13Page - Infineon Technologies AG TC11IB Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
TC11IB
Data Sheet
6
V2.3, 2003-11
Table 1
Pin Definitions and Functions
Symbol
Pin
In
Out
PU/
PD1)
Functions
P0
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.12
P0.13
P0.14
P0.15
K1
L3
L2
L1
M1
M2
M3
M4
N1
N2
N3
P1
P2
P3
R1
R2
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
PUB
PUB
PUB
PUB
PUC
PDC
PDC
PUC
PUC
PUC
PUC
PUC
Port 0
Port 0 serves as 16-bit general purpose I/O port, which
is also used as input/output for the General Purpose
Timer Units (GPTU0 & GPTU1)
GPTU0_IO0
GPTU0 I/O line 0
GPTU0_IO1
GPTU0 I/O line 1
GPTU0_IO2
GPTU0 I/O line 2
GPTU0_IO3
GPTU0 I/O line 3
GPTU0_IO4
GPTU0 I/O line 4
GPTU0_IO5
GPTU0 I/O line 5
GPTU0_IO6
GPTU0 I/O line 6
GPTU0_IO7
GPTU0 I/O line 7
GPTU1_IO0
GPTU1 I/O line 0
GPTU1_IO1
GPTU1 I/O line 1
GPTU1_IO2
GPTU1 I/O line 2
GPTU1_IO3
GPTU1 I/O line 3
GPTU1_IO4
GPTU1 I/O line 4
GPTU1_IO5
GPTU1 I/O line 5
GPTU1_IO6
GPTU1 I/O line 6
GPTU1_IO7
GPTU1 I/O line 7


Número de pieza similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
   Max. output 32V DC, 6A
20230317-I
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Descripción similar - TC11IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com