Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1775 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza TC1775
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1775 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TC1775 Datasheet HTML 1Page - Infineon Technologies AG TC1775 Datasheet HTML 2Page - Infineon Technologies AG TC1775 Datasheet HTML 3Page - Infineon Technologies AG TC1775 Datasheet HTML 4Page - Infineon Technologies AG TC1775 Datasheet HTML 5Page - Infineon Technologies AG TC1775 Datasheet HTML 6Page - Infineon Technologies AG TC1775 Datasheet HTML 7Page - Infineon Technologies AG TC1775 Datasheet HTML 8Page - Infineon Technologies AG TC1775 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
TC1775 Data Sheet
Preliminary
Revision History:
2002-05
V1.2
Previous Versions:
V1.1, 2001-08; V1.0, 2001-08;
Page
Subjects (major changes since last revision)
Changes from V1.1, 2001-08 to V1.2, 2002-05
Status of data sheet changed from “Advance Information” into “Preliminary”
36
ADC features: example of 10-bit ADC conversion time added
54
Note below Figure 16 added
59
Column “Jitter” in Table 8 removed; the jitter is now defined in “PLL
Parameters” on Page 82 and Figure 31; 2nd footnote for Table 8 added
60
Note on bottom extended “… specified by the crystal suppliers:”
66
Section “Package Parameters” added
68, 69, 70
Definition and values for pull-up/pull-down currents changed
71
Curves for pull-up/pull-down characteristics added
73
Formulas for conversion time
t
C corrected; fANA min./max. specification
added
73
Definition of
I
AOV and kA improved
76
Note 1) for
I
OZ added
77
I
DD max corrected; IDD active for VDDSB added; note for IID and ISL added
78
t
RFAnom (typ.) added
80
Figure 29 corrected
81
Figure 30 corrected
82, 83
PLL specification and parameters completed
84, 87, 89,
92, 94, 95
Several AC timing parameter values added or corrected:
t
10, t11, t15, t20,
t
21, t25, t45, t46, t47, t55, t61, t62
95
Definition of
t
61 and t62 changed
several
Formal changes
Changes from V1.0, 2001-08 to V1.1, 2001-08
84
Reference for
t
31 and t32 to Page 90 added
89
t
50 and t51 changed into TBD; note changed into “Will be guaranteed …”
90
t
31 and t32 (Data setup/hold to CLKIN
in burst mode timing) changed;
note 1) added
95
t
61 and t62 changed into TBD; note changed into “Will be guaranteed …”
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Número de pieza similar - TC1775

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
   Max. output 32V DC, 6.25A
20180821-D
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Descripción similar - TC1775

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com