Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5221 Datasheet(PDF) 11 Page - Infineon Technologies AG

No. de pieza TDA5221
Descripción Electrónicos  ASK/FSK Single Conversion Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5221 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDA5221 Datasheet HTML 7Page - Infineon Technologies AG TDA5221 Datasheet HTML 8Page - Infineon Technologies AG TDA5221 Datasheet HTML 9Page - Infineon Technologies AG TDA5221 Datasheet HTML 10Page - Infineon Technologies AG TDA5221 Datasheet HTML 11Page - Infineon Technologies AG TDA5221 Datasheet HTML 12Page - Infineon Technologies AG TDA5221 Datasheet HTML 13Page - Infineon Technologies AG TDA5221 Datasheet HTML 14Page - Infineon Technologies AG TDA5221 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Functional Description
3 - 3
TDA 5221
preliminary
Wireless Components
Target Specification, October 2001
3.2 Pin Definition and Function
In the subsequent table the internal circuits connected to the pins of the device
are shown. ESD-protection circuits are omitted to ease reading.
.
Table 3-1 Pin Definition and Function
Pin No.
Symbol
Equivalent I/O-Schematic
Function
1
CRST1
External Crystal Connector 1
2
VCC
5V Supply
3
LNI
LNA Input
4.15V
50uA
1
57uA
4k
1k
3
500uA


Número de pieza similar - TDA5221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5220 INFINEON-TDA5220 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5220 INFINEON-TDA5220_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
More results

Descripción similar - TDA5221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com