Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA16888G Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza TDA16888G
Descripción Electrónicos  High Performance Power Combi Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16888G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TDA16888G Datasheet HTML 1Page - Infineon Technologies AG TDA16888G Datasheet HTML 2Page - Infineon Technologies AG TDA16888G Datasheet HTML 3Page - Infineon Technologies AG TDA16888G Datasheet HTML 4Page - Infineon Technologies AG TDA16888G Datasheet HTML 5Page - Infineon Technologies AG TDA16888G Datasheet HTML 6Page - Infineon Technologies AG TDA16888G Datasheet HTML 7Page - Infineon Technologies AG TDA16888G Datasheet HTML 8Page - Infineon Technologies AG TDA16888G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
P-DIP-20-5
P-DSO-20-1 /-6 /-7
High Performance Power Combi Controller
TDA 16888
Data Sheet
1
2000-02-28
1
Overview
1.1
Features
PFC Section
– IEC 1000-3 compliant
– Additional operation mode as auxiliary power supply
– Fast, soft switching totem pole gate drive (1 A)
– Dual loop control (average current and voltage
sensing)
– Leading edge triggered pulse width modulation
– Peak current limitation
– Topologies of PFC preconverter are boost or flyback
– Continuous/discontinuous mode possible
– 94% maximum duty cycle
PWM Section
– Improved current mode control
– Fast, soft switching totem pole gate drive (1 A)
– Soft-start management
– Trailing edge triggered pulse width modulation
– Topologies of PWM converter are feed forward or flyback
– 50% maximum duty cycle to prevent transformer saturation
f
PWM = fPFC
w New type
Type
Ordering Code
Package
w TDA 16888
Q67000-A9284-X201-K5
P-DIP-20-5
w TDA 16888 G
Q67000-A9310-A702
P-DSO-20-1


Número de pieza similar - TDA16888G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA16888G SIEMENS-TDA16888G Datasheet
472Kb / 39P
   High Performance Power Combi Controller
More results

Descripción similar - TDA16888G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA16888 SIEMENS-TDA16888 Datasheet
472Kb / 39P
   High Performance Power Combi Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com