Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA21201-B7 Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza TDA21201-B7
Descripción Electrónicos  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201-B7 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA21201-B7 Datasheet HTML 1Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 2Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 3Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 4Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 5Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 6Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 7Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 8Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 5
Apr-29, 2002
Designing a 12 V to sub-3.3 V converter using the TDA21201
General info
To design a multi-phase converter with a 12 V input simply use in each phase
just one TDA21201 instead of using a MOSFET driver, a high side MOSFET,
bootstrap components, and one or more low side MOSFETs. The entire
converter is completed by the input filter, the output filter and a multi-phase
PWM IC.
Input compatibility to standard PWM controllers / shut-down mode
The Integrated Switch TDA21201 has a high impedance input pin ‘IN’ to be
connected to PWM controller outputs ‘PWM1’, ‘PWM2’ etc. It sinks or sources
only a fraction of a mA from the controller’s output. The TDA21201 is
compatible to standard controller and driver signals in terms of the signal level
(5 V TTL) and in terms of the ‘Low’/’High’ relationship (’Low’ turns the low side
MOSFET on, ‘High` turns the High side MOSFET on).
The TDA21201 can be shut down (the high side MOSFET and the low side
MOSFET is turned off) by applying an input signal VIN = 1.2 ... 1.6 V for more
than 1.5 µs typical. This way the TDA21201 reduces the power dissipation by
saving the gate charges of both the high side and the low side MOSFET
during no load conditions. The shutdown state is terminated when VIN moves
into the ‘Low’ or ‘High’ threshold.
Typical Application: 12 V
à 1.x V N-Phase Converter using the TDA21201
PWM
IC
PWM 1
PWM 2
PWM N
12 V
FET
Driver
1
FET
Driver
N
L1
LN
1...2 V
C


Número de pieza similar - TDA21201-B7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

Descripción similar - TDA21201-B7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com