Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2422TE Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM2422TE
Descripción Electrónicos  Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2422TE Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2422TE Datasheet HTML 4Page - Texas Instruments LM2422TE Datasheet HTML 5Page - Texas Instruments LM2422TE Datasheet HTML 6Page - Texas Instruments LM2422TE Datasheet HTML 7Page - Texas Instruments LM2422TE Datasheet HTML 8Page - Texas Instruments LM2422TE Datasheet HTML 9Page - Texas Instruments LM2422TE Datasheet HTML 10Page - Texas Instruments LM2422TE Datasheet HTML 11Page - Texas Instruments LM2422TE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RTH =
110
oC - 60oC
22W
= 2.3
oC/W
OBSOLETE
LM2422TE
SNOSAL1D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
EFFECT OF LOAD CAPACITANCE
Figure 7 shows the effect of increased load capacitance on the speed of the device. This demonstrates the
importance of knowing the load capacitance in the application. Increasing the load capacitance from 10 pF to 20
pF adds about 4.5 ns to the rise time and 3.5 ns to the fall time. It is important to keep the board capacitance as
low as possible to maximize the speed of the driver.
EFFECT OF OFFSET
Figure 8 shows the variation in rise and fall times when the output offset of the device is varied from 120V to
130VDC. Offset has little effect on the LM2422. The rise time increases less than 0.5 ns as the offset is increased
in voltage and the fall time decreases by about 0.5 ns with the same offset adjustment.
THERMAL CONSIDERATIONS
Figure 9 shows the performance of the LM2422 in the test circuit shown in Figure 3 as a function of case
temperature. The figure shows that the rise time of the LM2422 increases by about 2ns as the case temperature
increases from 30°C to 110°C. Over the same case temperature range the fall time increased by about 2.5 ns.
Figure 10 shows the maximum power dissipation of the LM2422 vs. Frequency when all three channels of the
device are driving into a 10 pF load with a 110VP-P alternating one pixel on, one pixel off. Note that the frequency
given in Figure 10 is half of the pixel frequency. The graph assumes a 72% active time (device operating at the
specified frequency), which is typical in a TV application. The other 28% of the time the device is assumed to be
sitting at the black level (190V in this case). A TV picture will not have frequency content over the whole picture
exceeding 20 MHz. It is important to establish the worst case condition under normal viewing to give a realistic
worst-case power dissipation for the LM2422. One test is a 1 to 30 MHz sine wave sweep over the active line.
This would give a slightly lower power than taking the average of the power between 1 and 30 MHz. This
average is 23.5 W. A sine wave will dissipate slightly less power, probably about 21 W or 22 W of power
dissipation. All of this information is critical for the designer to establish the heat sink requirement for his
application. The designer should note that if the load capacitance is increased the AC component of the total
power dissipation will also increase.
The LM2422 case temperature must be maintained below 110°C given the maximum power dissipation estimate
of 22W. If the maximum expected ambient temperature is 60°C and the maximum power dissipation is 22W then
a maximum heat sink thermal resistance can be calculated:
(1)
This example assumes a capacitive load of 10 pF and no resistive load. The designer should note that if the load
capacitance is increased the AC component of the total power dissipation will also increase.
OPTIMIZING TRANSIENT RESPONSE
Referring to Figure 13, there are three components (R1, R2 and L1) that can be adjusted to optimize the
transient response of the application circuit. Increasing the values of R1 and R2 will slow the circuit down while
decreasing overshoot. Increasing the value of L1 will speed up the circuit as well as increase overshoot. It is very
important to use inductors with very high self-resonant frequencies, preferably above 300 MHz. Ferrite core
inductors from J.W. Miller Magnetics (part # 78FR--K) were used for optimizing the performance of the device in
the TI application board. The values shown in Figure 13 can be used as a good starting point for the evaluation
of the LM2422. Using a variable resistor for R1 will simplify finding the value needed for optimum performance in
a given application. Once the optimum value is determined the variable resistor can be replaced with a fixed
value. Due to arc over considerations it is recommended that the values shown in Figure 13 not be changed by a
large amount.
Figure 12 shows the typical cathode pulse response with an output swing of 110VPP inside a modified production
TV set using the LM1237 pre-amp.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2422TE


Número de pieza similar - LM2422TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Descripción similar - LM2422TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com