Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS816018T-200 Datasheet(PDF) 5 Page - GSI Technology

No. de pieza GS816018T-200
Descripción Electrónicos  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816018T-200 Datasheet(HTML) 5 Page - GSI Technology

  GS816018T-200 Datasheet HTML 1Page - GSI Technology GS816018T-200 Datasheet HTML 2Page - GSI Technology GS816018T-200 Datasheet HTML 3Page - GSI Technology GS816018T-200 Datasheet HTML 4Page - GSI Technology GS816018T-200 Datasheet HTML 5Page - GSI Technology GS816018T-200 Datasheet HTML 6Page - GSI Technology GS816018T-200 Datasheet HTML 7Page - GSI Technology GS816018T-200 Datasheet HTML 8Page - GSI Technology GS816018T-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Rev: 2.12 3/2002
5/28
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS816018/32/36T-250/225/200/166/150/133
TQFP Pin Description
Pin Location
Symbol
Type
Description
37, 36
A0, A1
I
Address field LSBs and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45, 46,
47, 48, 49, 50, 43, 42
A2–A18
I
Address Inputs
80
A19
I
Address Inputs (x18 versions)
63, 62, 59, 58, 57, 56, 53, 52
68, 69, 72, 73, 74, 75, 78, 79
13, 12, 9, 8, 7, 6, 3, 2
18, 19, 22, 23, 24, 25, 28, 29
DQA1–DQA8
DQB1–DQB8
DQC1–DQC8
DQD1–DQD8
I/O
Data Input and Output pins (x32, x36 Version)
51, 80, 1, 30
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins (x36 Version)
51, 80, 1, 30
NC
No Connect (x32 Version)
58, 59, 62, 63, 68, 69, 72, 73, 74
8, 9, 12, 13, 18, 19, 22, 23, 24
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins (x18 Version)
51, 52, 53, 56, 57
75, 78, 79, 95, 96,
1, 2, 3, 6, 7,
25, 28, 29, 30
NC
No Connect (x18 Version)
87
BW
I
Byte Write—Writes all enabled bytes; active low
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/Os; active low
(x32, x36 Version)
89
CK
I
Clock Input Signal; active high
88
GW
I
Global Write Enable—Writes all bytes; active low
98, 92
E1, E3
I
Chip Enable; active low
97
E2
I
Chip Enable; active high
86
G
I
Output Enable; active low
83
ADV
I
Burst address counter advance enable; active low
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
64
ZZ
I
Sleep Mode control; active high
14
FT
I
Flow Through or Pipeline mode; active low
31
LBO
I
Linear Burst Order mode; active low
15, 41, 65, 91
VDD
I
Core power supply
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply
16, 38, 39, 66
NC
No Connect


Número de pieza similar - GS816018T-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS816018BGT-150 GSI-GS816018BGT-150 Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BGT-150I GSI-GS816018BGT-150I Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BGT-150IV GSI-GS816018BGT-150IV Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BGT-150V GSI-GS816018BGT-150V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BGT-200 GSI-GS816018BGT-200 Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Descripción similar - GS816018T-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com