Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3420-8.4 Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM3420-8.4 Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 17 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Input Voltage V(IN) 20V Output Current 20 mA Junction Temperature 150˚C Storage Temperature −65˚C to +150˚C Lead Temperature Vapor Phase (60 seconds) +215˚C Infrared (15 seconds) +220˚C Power Dissipation (T A = 25˚C) (Note 2) 300 mW ESD Susceptibility (Note 3) Human Body Model 1500V See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for methods on soldering surface-mount devices. Operating Ratings (Notes 1, 2) Ambient Temperature Range −40˚C ≤ T A ≤ +85˚C Junction Temperature Range −40˚C ≤ T J ≤ +125˚C Output Current 15 mA LM3420-4.2 Electrical Characteristics Specifications with standard type face are for T J = 25˚C, and those with boldface type apply over full Operating Tempera- ture Range. Unless otherwise specified, V(IN) = V REG,VOUT = 1.5V. Symbol Parameter Conditions Typical LM3420A-4.2 LM3420-4.2 Units (Note 4) Limit Limit (Limits) (Note 5) (Note 5) V REG Regulation Voltage I OUT = 1 mA 4.2 V 4.221/4.242 4.242/4.284 V(max) 4.179/4.158 4.158/4.116 V(min) Regulation Voltage I OUT =1 mA ±0.5/±1 ±1/±2 %(max) Tolerance I q Quiescent Current I OUT = 1 mA 85 µA 110/115 125/150 µA(max) G m Transconductance 20 µA ≤ I OUT ≤ 1 mA 3.3 mA/mV ∆I OUT/∆VREG V OUT = 2V 1.3/0.75 1.0/0.50 mA/mV(min) 1mA ≤ I OUT ≤ 15 mA 6.0 mA/mV V OUT = 2V 3.0/1.5 2.5/1.4 mA/mV(min) A V Voltage Gain 1V ≤ V OUT ≤ VREG − 1.2V (−1.3) 1000 V/V ∆V OUT/∆VREG R L = 200Ω (Note 6) 550/250 450/200 V/V(min) 1V ≤ V OUT ≤ VREG − 1.2V (−1.3) 3500 V/V R L =2 kΩ 1500/900 1000/700 V/V(min) V SAT Output Saturation V(IN) = V REG +100 mV 1.0 V (Note 7) I OUT = 15 mA 1.2/1.3 1.2/1.3 V(max) I L Output Leakage V(IN) = V REG −100 mV 0.1 µA Current V OUT = 0V 0.5/1.0 0.5/1.0 µA(max) R f Internal Feedback 75 k Ω Resistor (Note 8) 94 94 k Ω(max) 56 56 k Ω(min) E n Output Noise I OUT = 1 mA, 10 Hz ≤ f ≤ 10 kHz 70 µV RMS Voltage www.national.com 3 |
Número de pieza similar - LM3420-8.4 |
|
Descripción similar - LM3420-8.4 |