Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4016BC Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza CD4016BC
Descripción Electrónicos  Quad Bilateral Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4016BC Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CD4016BC Datasheet HTML 1Page - National Semiconductor (TI) CD4016BC Datasheet HTML 2Page - National Semiconductor (TI) CD4016BC Datasheet HTML 3Page - National Semiconductor (TI) CD4016BC Datasheet HTML 4Page - National Semiconductor (TI) CD4016BC Datasheet HTML 5Page - National Semiconductor (TI) CD4016BC Datasheet HTML 6Page - National Semiconductor (TI) CD4016BC Datasheet HTML 7Page - National Semiconductor (TI) CD4016BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Applications
4 Input Multiplexer
SampleHold Amplifier
TLF5661 – 6
Special Considerations
The CD4016B is composed of 4 two-transistor analog
switches These switches do not have any linearization or
compensation circuitry for ‘‘RON’’ as do the CD4066B’s Be-
cause of this
the special operating considerations for
the CD4066B do not apply to the CD4016B but at low
supply voltages s5V the CD4016B’s on resistance be-
comes non-linear It is recommended that at 5V voltages
on the inout pins be maintained within about 1V of either
VDD or VSS and that at 3V the voltages on the inout pins
should be at VDD or VSS for reliable operation
7


Número de pieza similar - CD4016BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4016BC FAIRCHILD-CD4016BC Datasheet
93Kb / 9P
   Quad Bilateral Switch
CD4016BC FAIRCHILD-CD4016BC Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
93Kb / 9P
   Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCN FAIRCHILD-CD4016BCN Datasheet
93Kb / 9P
   Quad Bilateral Switch
More results

Descripción similar - CD4016BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com