Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74-5SCL315MA Datasheet(PDF) 1 Page - NTE Electronics

No. de pieza 74-5SCL315MA
Descripción Electrónicos  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

74-5SCL315MA Datasheet(HTML) 1 Page - NTE Electronics

  74-5SCL315MA Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
5 x 20mm Miniature Ceramic
Features
Available in Fast Acting and Slow Blow Types
Available in Cartridge and Axial Lead (Pigtail) Types
RoHS Compliant
F−03
F−12
.220 (5.6)
.827 (21.0)
1.181 (30.0)
.031 (0.8) Dia
.205
(5.2)
.787 (20.0)
Specifications
Rated Voltage: 250V
Breaking Capacity: 250VAC, 1500A
Time Current Characteristics:
Fast Acting
% of
Ampere
Rating
Opening Time
100mA to 4A
5A to 6.3A
8A to 10A
> 10A
210%
Max
30 minutes
30 minutes
30 minutes
30 minutes
275%
Min
10ms
10ms
40ms
40ms
Max
2 seconds
3 seconds
20 seconds
30 seconds
400%
Min
3ms
3ms
10ms
10ms
Max
300ms
300ms
1 second
1 second
1000% Max
20ms
20ms
30ms
40ms
Slow Blow
% of
Ampere
Rating
Opening Time
100mA to 800mA
1A to 3.15A
4A to 10A
> 10A
210%
Max
30 minutes
30 minutes
30 minutes
30 minutes
275%
Min
250ms
750ms
750ms
1 second
Max
80 seconds
80 seconds
80 seconds
80 seconds
400%
Min
50ms
95ms
150ms
150ms
Max
5 seconds
5 seconds
5 seconds
5 seconds
1000%
Min
5ms
10ms
10ms
20ms
Max
150ms
150ms
150ms
150ms
Ordering Information:
NTE Type No.
Rated Current
Cartridge Types
Axial Lead (Pigtail) Types
Fast Acting
Slow Blow
Diag No.
Fast Acting
Slow Blow
Diag No.
74
−5FC100MA
F
−03
74
−5FCL100MA
F
−12
100mA
74
−5FC125MA
F
−03
74
−5FCL125MA
F
−12
125mA
74
−5FC160MA
F
−03
74
−5FCL160MA
F
−12
160mA
74
−5FC200MA
74
−5SC200MA
F
−03
74
−5FCL200MA
F
−12
200mA
74
−5FC250MA
74
−5SC250MA
F
−03
74
−5FCL250MA
74
−5SCL250MA
F
−12
250mA
74
−5FC315MA
74
−5SC315MA
F
−03
74
−5FCL315MA
74
−5SCL315MA
F
−12
315mA
74
−5FC400MA
74
−5SC400MA
F
−03
74
−5FCL400MA
74
−5SCL400MA
F
−12
400mA
74
−5FC500MA
74
−5SC500MA
F
−03
74
−5FCL500MA
74
−5SCL500MA
F
−12
500mA
74
−5FC630MA
74
−5SC630MA
F
−03
74
−5FCL630MA
74
−5SCL630MA
F
−12
630mA
74
−5FC800MA
74
−5SC800MA
F
−03
74
−5FCL800MA
74
−5SCL800MA
F
−12
800mA
74
−5FC1A
74
−5SC1A
F
−03
74
−5FCL1A
74
−5SCL1A
F
−12
1.0A
74
−5FC1.25A
74
−5SC1.25A
F
−03
74
−5FCL1.25A
74
−5SCL1.25A
F
−12
1.25A
74
−5FC1.6A
74
−5SC1.6A
F
−03
74
−5FCL1.6A
74
−5SCL1.6A
F
−12
1.6A
74
−5FC2A
74
−5SC2A
F
−03
74
−5FCL2A
74
−5SCL2A
F
−12
2.0A
74
−5FC2.5A
74
−5SC2.5A
F
−03
74
−5FCL2.5A
74
−5SCL2.5A
F
−12
2.5A
74
−5FC3.15A
74
−5SC3.15A
F
−03
74
−5FCL3.15A
74
−5SCL3.15A
F
−12
3.15A
74
−5FC4A
74
−5SC4A
F
−03
74
−5FCL4A
74
−5SCL4A
F
−12
4.0A
74
−5FC5A
74
−5SC5A
F
−03
74
−5FCL5A
74
−5SCL5A
F
−12
5.0A
74
−5FC6.3A
74
−5SC6.3A
F
−03
74
−5FCL6.3A
74
−5SCL6.3A
F
−12
6.3A
74
−5FC8A
74
−5SC8A
F
−03
74
−5FCL8A
74
−5SCL8A
F
−12
8.0A
74
−5FC10A
74
−5SC10A
F
−03
74
−5FCL10A
74
−5SCL10A
F
−12
10A
74
−5FC12A
74
−5SC12A
F
−03
74
−5FCL12A
74
−5SCL12A
F
−12
12A
74
−5FC12.5A
74
−5SC12.5A
F
−03
74
−5FCL12.5A
74
−5SCL12.5A
F
−12
12.5A
74
−5FC15A
74
−5SC15A
F
−03
74
−5FCL15A
74
−5SCL15A
F
−12
15A
74
−5FC16A
F
−03
74
−5FCL16A
F
−12
16A
Accessories:
Description
NTE Type No.
Fuse Clips (Double Fluted)
74
−FC5
Panel Mount Fuse Holder
74
−FH5
In
−Line Fuse Holder
74
−IFH5
Fuse Block w/Clear Cover
74
−FB5


Número de pieza similar - 74-5SCL315MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
74-5SG1.25A NTE-74-5SG1.25A Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5SG1.6A NTE-74-5SG1.6A Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5SG10A NTE-74-5SG10A Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5SG12.5A NTE-74-5SG12.5A Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5SG1A NTE-74-5SG1A Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results

Descripción similar - 74-5SCL315MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com